Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMFX2018 Datasheet (PDF) - Infinite Electronics International, Inc.

FMFX2018 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMFX2018
Download  FMFX2018 Download
File Size   693.55 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Female Active 3x Frequency Multiplier with 1.8 GHz to 2.25 GHz Output

FMFX2018 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMFX2018 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMFX2018
Download  FMFX2018 Click to download

File Size   693.55 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Female Active 3x Frequency Multiplier with 1.8 GHz to 2.25 GHz Output

FMFX2018 Datasheet (HTML) - Infinite Electronics International, Inc.


FMFX2018 Product details

Features
• Active Frequency Tripler (x3)
• 600 to 750 MHz Input
• Freqeuncy
• 1800 to 2250 MHz
• Output Frequency
• Conversion Gain 4 dB typ
• Fundamental Isolation 30 dB typ
• RF Input Drive Level: -3 dBm
• Max RF Input Power: +23 dBm
• DC Bias: +12Vdc @ 105 mA
• SMA Female Connectors
• -40° C to +85° C
• Operating Temperature
• 50 Ohm Design
• Rugged Design meets MIL-
• STD-202 Test Conditions
• Applications:
• Aerospace & Defense
• Test & Measurement
• Microwave Radio Systems
• Military & Commercial
• Communication Systems
• Research & Development
• SATCOM
• Wireless Communications
• FMFX2018
• DATA SHEET




Similar Part No. - FMFX2018

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMFX2011 FAIRVIEW-FMFX2011 Datasheet
653Kb / 4P
SMA Female 2x Frequency Multiplier with 1.8 GHz to 4 GHz Output and 14 dB Conversion Loss
REV 1.0A
FMFX2012 FAIRVIEW-FMFX2012 Datasheet
650Kb / 4P
SMA Female 2x Frequency Multiplier with 2.5 GHz to 6 GHz Output and 15 dB Conversion Loss
REV 1.0A
FMFX2013 FAIRVIEW-FMFX2013 Datasheet
751Kb / 4P
SMA Female 2x Frequency Multiplier with 4 GHz to 8 GHz Output and 14 dB Conversion Loss
REV 1.0A
FMFX2014 FAIRVIEW-FMFX2014 Datasheet
654Kb / 4P
SMA Female 2x Frequency Multiplier with 8 GHz to 16 GHz Output and 17 dB Conversion Loss
REV 1.0A
FMFX2015 FAIRVIEW-FMFX2015 Datasheet
464Kb / 5P
SMA Female Active 3x Frequency Multiplier with 750 MHz to 1.05 GHz Output
REV A
More results


Similar Description - FMFX2018

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC578 HITTITE-HMC578_09 Datasheet
217Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
HMC579 HITTITE-HMC579_09 Datasheet
217Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 32 - 46 GHz OUTPUT
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6140 AVAGO-AMMC-6140 Datasheet
424Kb / 6P
20??0 GHz Output x2 Active Frequency Multiplier
AMMC-6140 AVAGO-AMMC-6140_15 Datasheet
424Kb / 6P
20??0 GHz Output x2 Active Frequency Multiplier
logo
Hittite Microwave Corpo...
HMC916LP3E HITTITE-HMC916LP3E Datasheet
554Kb / 6P
SMT MMIC x3 ACTIVE FREQUENCY MULTIPLIER, 8 - 16 GHz OUTPUT
logo
Broadcom Corporation.
AMMC-6140 BOARDCOM-AMMC-6140 Datasheet
424Kb / 6P
20??0 GHz Output x2 Active Frequency Multiplier
AMMC-6120 BOARDCOM-AMMC-6120 Datasheet
200Kb / 8P
8 ??24 GHz Output 횞 2 Active Frequency Multiplier
logo
Analog Devices
HMC8342 AD-HMC8342 Datasheet
283Kb / 11P
GaAs MMIC 횞2 Active Frequency Multiplier, 22 GHz to 42 GHz Output
Jun-2021
ADH814S AD-ADH814S Datasheet
737Kb / 8P
13 to 24.6 GHz Output x2 Active Frequency Multiplier
Rev. A
ADH561S AD-ADH561S Datasheet
723Kb / 8P
8 to 21 GHz Output x2 Active Frequency Multiplier
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com