Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB-DELPS2-DI Datasheet (PDF) - ams-OSRAM AG

KB-DELPS2-DI Datasheet PDF - ams-OSRAM AG
Part # KB-DELPS2-DI
Download  KB-DELPS2-DI Download
File Size   2003.98 Kbytes
Page   26 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description TOPLED® E1608

KB-DELPS2-DI Datasheet (PDF)

Go To PDF Page Download Datasheet
KB-DELPS2-DI Datasheet PDF - ams-OSRAM AG

Part # KB-DELPS2-DI
Download  KB-DELPS2-DI Click to download

File Size   2003.98 Kbytes
Page   26 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description TOPLED® E1608

KB-DELPS2-DI Datasheet (HTML) - ams-OSRAM AG


KB-DELPS2-DI Product details

Applications
- Ambient Lighting
- Automotive Aftermarket
- Display Backlighting
- Functional Illumination
- Projection
Features
- Package: white SMT package, colored diffused silicone resin
- Chip technology: Volume emitter on Sapphire (AlInGaN)
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.2, Cy = 0.3 acc. to CIE 1931 (● color on demand blue)
- Corrosion Robustness Class: 2B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - KB-DELPS2-DI

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
KB-DELPS2-D2 AMSOSRAM-KB-DELPS2-D2 Datasheet
1Mb / 25P
TOPLED® E1608
Version 1.2 2024-05-16
More results


Similar Description - KB-DELPS2-DI

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
CTDELSS1.12 OSRAM-CTDELSS1.12 Datasheet
694Kb / 22P
FIREFLY E1608
KTDELQS1.12 OSRAM-KTDELQS1.12 Datasheet
690Kb / 22P
TOPLED E1608
logo
ams AG
LAT776 AMSCO-LAT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-22
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
SFH4257 AMSCO-SFH4257 Datasheet
760Kb / 17P
TOPLED® Black High Power Infrared Emitter (850 nm)
Version 1.7 2021-10-14
LOT776 AMSCO-LOT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LST776 AMSCO-LST776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-15
LYM67F.01 AMSCO-LYM67F.01 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.1 2023-06-22
LYT776 AMSCO-LYT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LGM676 AMSCO-LGM676 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.4 2019-07-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com