Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB-DELPS2-DI Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # KB-DELPS2-DI
Description  TOPLED® E1608
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KB-DELPS2-DI Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button KB-DELPS2-DI Datasheet HTML 2Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 3Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 4Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 5Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 6Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 7Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 8Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 9Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
KB DELPS2.DI
DATASHEET
DATASHEET
6 | Version 1.6 | 2024-05-16
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity 1)
Luminous Flux 7)
I
F = 10 mA
I
F = 10 mA
I
F = 10 mA
min.
max.
typ.
I
v
I
v
Φ
V
TH
330 mcd
390 mcd
1080 mlm
TI
390 mcd
450 mcd
1260 mlm
UG
450 mcd
520 mcd
1460 mlm
UH
520 mcd
610 mcd
1700 mlm
UI
610 mcd
710 mcd
1980 mlm
VG
710 mcd
820 mcd
2300 mlm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 10 mA
I
F = 10 mA
min.
max.
V
F
V
F
Z5
2.70 V
2.95 V
55
2.95 V
3.20 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com