Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB-DELPS2-DI Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # KB-DELPS2-DI
Description  TOPLED® E1608
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KB-DELPS2-DI Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button KB-DELPS2-DI Datasheet HTML 3Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 4Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 5Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 6Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 7Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 8Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 9Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 10Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
KB DELPS2.DI
DATASHEET
DATASHEET
7 | Version 1.6 | 2024-05-16
Chromaticity Coordinate Groups 3)
OHA04401
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
510
500
490
450
Cx
Cy
Cx
E
480
460
470
Cy
4J
2L
4K
3J
2K
2J
4L
3L 3K
8J
7L
5K
6L
5L
6J
5J
7K
6K
7J
8L
0.21
0.22
0.23
0.24
0.25
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
8K
Chromaticity Coordinate Groups 3)
Group
Cx
Cy
2J
0.1823
0.2280
0.1882
0.2273
0.1842
0.2116
0.1784
0.2122
2K
0.1735
0.2290
0.1823
0.2280
0.1784
0.2122
0.1696
0.2132
2L
0.1677
0.2296
0.1735
0.2290
0.1696
0.2132
0.1637
0.2139
3J
0.1862
0.2437
0.1921
0.2431
0.1882
0.2273
0.1823
0.2280
Group
Cx
Cy
3K
0.1775
0.2447
0.1862
0.2437
0.1823
0.2280
0.1735
0.2290
3L
0.1716
0.2454
0.1775
0.2447
0.1735
0.2290
0.1677
0.2296
4J
0.1902
0.2595
0.1960
0.2588
0.1921
0.2431
0.1862
0.2437
4K
0.1814
0.2605
0.1902
0.2595
0.1862
0.2437
0.1775
0.2447
Group
Cx
Cy
4L
0.1756
0.2611
0.1814
0.2605
0.1775
0.2447
0.1716
0.2454
5J
0.1941
0.2753
0.2000
0.2746
0.1960
0.2588
0.1902
0.2595
5K
0.1853
0.2762
0.1941
0.2753
0.1902
0.2595
0.1814
0.2605
5L
0.1795
0.2769
0.1853
0.2762
0.1814
0.2605
0.1756
0.2611



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com