Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB-DELPS2-DI Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # KB-DELPS2-DI
Description  TOPLED® E1608
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KB-DELPS2-DI Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button KB-DELPS2-DI Datasheet HTML 17Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 18Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 19Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 20Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 21Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 22Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 23Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 24Page - ams-OSRAM AG KB-DELPS2-DI Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
KB DELPS2.DI
DATASHEET
DATASHEET
21 | Version 1.6 | 2024-05-16
PPoow
weerr-- // C
Chhiipp C
Cllaassss
PP::
Standard power class
Q
Q::
Elevated power class
LL::
low performance
M
M::
Medium performance
SS::
Highest power class
EEm
miissssiioonn C
Coolloorr
C
Coolloorr ccoooorrddiinnaatteess aaccccoorrddiinngg
BB:: blue (466 nm)
C
CIIEE 11993311//EEm
miissssiioonn ccoolloorr::
O
O:: orange (606 nm)
W
W::
white
YY:: yellow (587 nm)
PP:: pure green (560 nm)
TT:: true green (528 nm)
SS:: super red (633 nm)
PPrroodduucctt
vveerrssiioonn
KK:: LED for
Automotive
and Industry
Market
Segment
LLeennss PPrrooppeerrttiieess
LL::
No lens (Lambertian)
PPaacckkaaggee ssiizzee // FFoooott pprriinntt
TTO
OPPllooookkeerr::
EE:: 1608
SSiiddeellooookkeerr::
EE:: 5515
C
Ceerraam
miicc ppaacckkaaggeess::
EE:: 1915
TTeecchhnnoollooggyy C
Coonncceepptt
SS::
Silicone encapsulation
(casted)
Platform: pre-molded
77::
Epoxy casting
Platform: Premold
PPaacckkaaggee ccoonncceepptt
D
D:: Top emitting device
Leadframe based
White reflector package
TTyyppee D
Deessiiggnnaattiioonn SSyysstteem
m
KK
O
O
D
D
EE
LL
PP
SS
11
..
22
22
BBiinnnniinngg IInnffoorrm
maattiioonn::
11::
individual definition
22::
mcd
AA::
Automotive interior
binning: FK0PM0
PP::
COD Puregreen
SSppeecciiaall C
Chhaarraacctteerriissttiicc
11:: InGaN saturated colors
22:: INGaAlP or AlGaAs
saturated colors
D
D:: L300
FF:: Full conversion (color
depending on color
description)
R
R:: standard cold white



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com