Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-C2L5L2-TK Datasheet (PDF) - ams-OSRAM AG

KW-C2L5L2-TK Datasheet PDF - ams-OSRAM AG
Part # KW-C2L5L2-TK
Download  KW-C2L5L2-TK Download
File Size   2210.54 Kbytes
Page   26 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Submount PL

KW-C2L5L2-TK Datasheet (PDF)

Go To PDF Page Download Datasheet
KW-C2L5L2-TK Datasheet PDF - ams-OSRAM AG

Part # KW-C2L5L2-TK
Download  KW-C2L5L2-TK Click to download

File Size   2210.54 Kbytes
Page   26 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Submount PL

KW-C2L5L2-TK Datasheet (HTML) - ams-OSRAM AG


KW-C2L5L2-TK Product details

Applications
- Dynamic Forward Lighting - Static Forward Lighting
Features
- Package: compact lightsource in multi chip on board technology
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.325, Cy = 0.345 acc. to CIE 1931 (● white)
- Corrosion Robustness Class: 3A
- Qualifications: AEC-Q102 Qualified
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Color over angle: Better than passus 3.7.2.1 of supplement proposal 7 to ECE reg. 128





Similar Part No. - KW-C2L5L2-TK

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
KW-C3L5L2-TK AMSOSRAM-KW-C3L5L2-TK Datasheet
2Mb / 26P
OSLON™ Submount PL
Version 1.4 2026-03-10
KW-CDLMM1-TK AMSOSRAM-KW-CDLMM1-TK Datasheet
1Mb / 25P
OSLON® Compact PM
Version 1.3 2023-10-04
KW-CDLMM2-TK AMSOSRAM-KW-CDLMM2-TK Datasheet
1Mb / 25P
OSLON™ Compact PM
Version 1.3 2025-05-13
KW-CELMM1-TG AMSOSRAM-KW-CELMM1-TG Datasheet
2Mb / 25P
OSLON™ Boost HM
Version 1.4 2026-03-03
KW-CELMM2-TK AMSOSRAM-KW-CELMM2-TK Datasheet
1Mb / 24P
OSLON™ Boost HM
Version 1.2 2025-05-14
More results


Similar Description - KW-C2L5L2-TK

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
KW2CFLNM1.TG OSRAM-KW2CFLNM1.TG Datasheet
863Kb / 24P
OSLON Compact PL
KWC2L5L1.TE OSRAM-KWC2L5L1.TE Datasheet
980Kb / 21P
OSLON Submount CL
KYCELNM1.FY OSRAM-KYCELNM1.FY Datasheet
779Kb / 23P
OSLON Compact PL
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
logo
ams AG
KWC2L5L2.TK AMSCO-KWC2L5L2.TK Datasheet
1Mb / 25P
The OSLON Submount PL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.1 2021-09-01
KWC3L5L2.TK AMSCO-KWC3L5L2.TK Datasheet
1Mb / 25P
The OSLON Submount PL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.2 2021-09-01
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com