Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9QXL2000C Datasheet (PDF) - Renesas Technology Corp

9QXL2000C Datasheet PDF - Renesas Technology Corp
Part # 9QXL2000C
Download  9QXL2000C Download
File Size   700.48 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 20-Output Enhanced DB2000Q

9QXL2000C Datasheet (PDF)

Go To PDF Page Download Datasheet
9QXL2000C Datasheet PDF - Renesas Technology Corp

Part # 9QXL2000C
Download  9QXL2000C Click to download

File Size   700.48 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 20-Output Enhanced DB2000Q

9QXL2000C Datasheet (HTML) - Renesas Technology Corp


9QXL2000C Product details

▪ Low-Power HCSL (LP-HCSL) 85Ω outputs
eliminate 80 resistors, saving 130mm2 of area
▪ Low-Power HCSL (LP-HCSL) outputs reduce
device power consumption by 50%
▪ 8 OE# pins configurable to control up to 20 outputs
▪ 9 selectable SMBus addresses
▪ Spread spectrum compatible
▪ 10 × 10 mm 72-VFQFPN package




Similar Part No. - 9QXL2000C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9QXL2000C RENESAS-9QXL2000C Datasheet
759Kb / 23P
20-Output Enhanced DB2000Q
Apr 5, 2022
9QXL2000CNLGK RENESAS-9QXL2000CNLGK Datasheet
759Kb / 23P
20-Output Enhanced DB2000Q
Apr 5, 2022
9QXL2000CNLGK8 RENESAS-9QXL2000CNLGK8 Datasheet
759Kb / 23P
20-Output Enhanced DB2000Q
Apr 5, 2022
More results


Similar Description - 9QXL2000C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DF1760P TI1-DF1760P Datasheet
171Kb / 17P
Multi-Bit Enhanced Noise Shaping 20-Bit
logo
Silicon Laboratories
SI8239X SILABS-SI8239X Datasheet
1Mb / 38P
Enhanced output UVLO safety
logo
All Sensors Corporation
DS-0011 ASC-DS-0011 Datasheet
196Kb / 4P
Enhanced Digital Output Sensors: Extended temperature range
DS-0011 Rev A
DS-0012 ASC-DS-0012 Datasheet
71Kb / 5P
Enhanced Digital Output Sensors
logo
SINOWEALTH Electronic L...
SH79F085 SINOWEALTH-SH79F085 Datasheet
1Mb / 97P
Enhanced 8051 Microcontroller with 20-Bit ADC
V2.2
logo
Microsemi Corporation
ZL40292 MICROSEMI-ZL40292 Datasheet
928Kb / 28P
20-Output DB2000Q Buffer with Ultra Low Additive Jitter
March 2019
logo
Renesas Technology Corp
9QXL2000B RENESAS-9QXL2000B Datasheet
649Kb / 23P
20-Output DB2000Q
March 9, 2022
9QXL2000C RENESAS-9QXL2000C Datasheet
759Kb / 23P
20-Output Enhanced DB2000Q
Apr 5, 2022
9QXL2001B RENESAS-9QXL2001B Datasheet
845Kb / 25P
20-Output DB2000QL
November 11, 2022
9QXL2001C RENESAS-9QXL2001C Datasheet
783Kb / 27P
20-Output Enhanced DB2000QL
October 6, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com