Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW5026 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW5026 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW5026
Download  FMSW5026 Download
File Size   517.9 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SP3T USB LAN Controlled High Isolation Absoptive Switch 500 MHz to 43.5 GHz, 2.92mm

FMSW5026 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW5026 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW5026
Download  FMSW5026 Click to download

File Size   517.9 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SP3T USB LAN Controlled High Isolation Absoptive Switch 500 MHz to 43.5 GHz, 2.92mm

FMSW5026 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW5026 Product details

Features
• Ultra-Wideband SP3T PIN Diode Switch
• 500 MHz to 43.5 GHz
• 50 Ohm Absorptive Design
• Insertion Loss: 4.5 dB typ
• Isolation: 53 dB typ
• Maximum RF input Power: +23 dBm
• Bias Voltage: +5Vdc
• USB 2.0 Interface and Ethernet (IPv4)
• Field Replaceable Female 2.92mm output
• Operational Temperature Range -40°C to +85°C
• Downloadable User Manual and Software
• USB and Ethernet cables included
• Applications
• Test & Measurement
• 5G Communication
• Military Electronic Systems
• Wireless Infrastructure
• Fiber Optics
• Research & Development
• Description
• The FMSW5026 is a Single Pole Three Throw (SP3T) USB/Ethernet RF Switch Module designed to cover a wide frequency range
• from 500 MHz to 43.5 GHz with excellent 53 dB typical isolation and 4.5 dB typical low insertion loss. The switch requries a +5Vdc
• bias voltage through USB, and has maximum input power handling of up to +23 dBm. The module supports both USB 2.0 and LAN
• (Ethernet) interfaces, allowing seamless control from a host PC or networked system. The rugged and compact package supports
• field replaceable 2.92mm female RF connectors. The SP3T switch can be controlled through an intuitive GUI (downloadable user
• manual), as well as with system design software such as LabVIEW. The robust construction and wide frequency range make
• it well-suited for bench-top test and measurement environments, as well as integration into radar and communication systems.
• The RF Switch Module includes a USB 2.0 A extension cable and IPv4 Ethernet cable for flexible connectivity. Its advanced internal switching
• architecture ensures low signal distortion and high isolation between channels, providing consistent and reliable performance across the entire
• operating frequency range.




Similar Part No. - FMSW5026

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW5020 FAIRVIEW-FMSW5020 Datasheet
518Kb / 4P
N-Type Reflective SPDT PIN Diode Switch From 1 GHz to 2 GHz Rated at 70 Watt (48.45 dBm) with Heatsink
REV A
FMSW5021 FAIRVIEW-FMSW5021 Datasheet
733Kb / 8P
SMA Reflective SP4T PIN Diode Switch From 0.5 GHz to 6 GHz Rated at 130 Watt Pulsed (51 dBm) and Hermetically Sealed with Heatsink
REV A
FMSW5022 FAIRVIEW-FMSW5022 Datasheet
581Kb / 8P
SPDT USB Ethernet Controlled High Isolation Absoptive Switch 500 MHz to 43.5 GHz, 2.92mm
REV A
FMSW5023 FAIRVIEW-FMSW5023 Datasheet
607Kb / 8P
SP4T USB Ethernet Controlled High Isolation Absoptive Switch 500 MHz to 50 GHz, 2.4mm
REV A
FMSW5024 FAIRVIEW-FMSW5024 Datasheet
651Kb / 8P
SP4T USB LAN Controlled High Isolation Absoptive Switch 500 MHz to 43.5 GHz, 2.92mm
REV A
More results


Similar Description - FMSW5026

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5523 ANADIGICS-AWS5523 Datasheet
125Kb / 8P
0.5 to 2.5 GHz SP3T Switch
Rev 0.2
logo
Skyworks Solutions Inc.
SKY13277-355LF SKYWORKS-SKY13277-355LF Datasheet
330Kb / 6P
GaAs SP3T Absorptive Switch 500 MHz-2.5 GHz
logo
New Japan Radio
NJG1683ME7 NJRC-NJG1683ME7 Datasheet
395Kb / 13P
High Isolation X-SP3T (DP6T) SWITCH
logo
Pasternack Enterprises,...
PE7171 PASTERNACK-PE7171 Datasheet
275Kb / 3P
50 Ohm 2.92mm SP3T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
logo
RF Micro Devices
RFSW6032 RFMD-RFSW6032 Datasheet
846Kb / 9P
Low Insertion High Isolation SP3T Switch
logo
Skyworks Solutions Inc.
SKY13345-368LF SKYWORKS-SKY13345-368LF_15 Datasheet
756Kb / 11P
0.1 to 3.5 GHz SP3T Switch
SKY13373-460LF SKYWORKS-SKY13373-460LF_15 Datasheet
748Kb / 9P
0.1 to 6.0 GHz SP3T Switch
SKY13523-639LF SKYWORKS-SKY13523-639LF Datasheet
491Kb / 9P
0.7 to 3.0 GHz High-Isolation SP3T Switch
SKY13586-678LF SKYWORKS-SKY13586-678LF Datasheet
426Kb / 8P
2.4 to 2.5 GHz SP3T Switch
SKYA21062 SKYWORKS-SKYA21062 Datasheet
947Kb / 10P
0.1 to 6.0 GHz SP3T Switch
November 18, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com