Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG-T77K Datasheet (PDF) - ams-OSRAM AG

LOG-T77K Datasheet PDF - ams-OSRAM AG
Part # LOG-T77K
Download  LOG-T77K Download
File Size   1660.71 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Multi TOPLED® Reverse Gullwing

LOG-T77K Datasheet (PDF)

Go To PDF Page Download Datasheet
LOG-T77K Datasheet PDF - ams-OSRAM AG

Part # LOG-T77K
Download  LOG-T77K Click to download

File Size   1660.71 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Multi TOPLED® Reverse Gullwing

LOG-T77K Datasheet (HTML) - ams-OSRAM AG


LOG-T77K Product details

Applications
- Electronic Equipment
Features
- Package: white SMT package, colorless clear resin
- Chip technology: InGaAlP
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 606 nm (● orange); λdom = 606 nm (● green)
- Optical efficacy: 9 lm/W; 9 lm/W
- Corrosion Robustness Class: 3B
- Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - LOG-T77K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOG-T77K OSRAM-LOG-T77K Datasheet
519Kb / 16P
white SMT package, colorless clear resin
More results


Similar Description - LOG-T77K

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSST670 SIEMENS-LSST670 Datasheet
490Kb / 8P
Multi TOPLED
logo
Vishay Siliconix
VLRK31R1R2-GS18 VISHAY-VLRK31R1R2-GS18 Datasheet
265Kb / 8P
Reverse Gullwing SMD LED Red
22-May-13
VLRK31R1S2 VISHAY-VLRK31R1S2 Datasheet
231Kb / 8P
Reverse Gullwing SMD LED Red
13-Aug-2018
logo
ams AG
SFH4246R AMSCO-SFH4246R Datasheet
1Mb / 17P
TOPLED® Reverse Gullwing Lens Infrared Emitter (940 nm) - 24 °
Version 1.1 2020-09-01
LAT776 AMSCO-LAT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-22
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
LOT776 AMSCO-LOT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LST776 AMSCO-LST776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-15
LYM67F.01 AMSCO-LYM67F.01 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.1 2023-06-22
LYT776 AMSCO-LYT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com