Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG-T77K Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LOG-T77K
Description  Multi TOPLED® Reverse Gullwing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LOG-T77K Datasheet(HTML) 1 Page - ams-OSRAM AG

  LOG-T77K Datasheet HTML 1Page - ams-OSRAM AG LOG-T77K Datasheet HTML 2Page - ams-OSRAM AG LOG-T77K Datasheet HTML 3Page - ams-OSRAM AG LOG-T77K Datasheet HTML 4Page - ams-OSRAM AG LOG-T77K Datasheet HTML 5Page - ams-OSRAM AG LOG-T77K Datasheet HTML 6Page - ams-OSRAM AG LOG-T77K Datasheet HTML 7Page - ams-OSRAM AG LOG-T77K Datasheet HTML 8Page - ams-OSRAM AG LOG-T77K Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LOG T77K
DATASHEET
DATASHEET
1 | Version 1.1 | 2022-05-30
www.osram-os.com
LOG T77K
Datasheet
Discontinued
Published by ams-OSRAM AG
Tobelbader Strasse 30, 8141 Premstaetten, Austria
Phone +43 3136 500-0
ams-osram.com
© All rights reserved


Similar Part No. - LOG-T77K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOG-T77K OSRAM-LOG-T77K Datasheet
519Kb / 16P
white SMT package, colorless clear resin
More results

Similar Description - LOG-T77K

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSST670 SIEMENS-LSST670 Datasheet
490Kb / 8P
Multi TOPLED
logo
Vishay Siliconix
VLRK31R1R2-GS18 VISHAY-VLRK31R1R2-GS18 Datasheet
265Kb / 8P
Reverse Gullwing SMD LED Red
22-May-13
VLRK31R1S2 VISHAY-VLRK31R1S2 Datasheet
231Kb / 8P
Reverse Gullwing SMD LED Red
13-Aug-2018
logo
ams AG
SFH4246R AMSCO-SFH4246R Datasheet
1Mb / 17P
TOPLED® Reverse Gullwing Lens Infrared Emitter (940 nm) - 24 °
Version 1.1 2020-09-01
LAT776 AMSCO-LAT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-22
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
LOT776 AMSCO-LOT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LST776 AMSCO-LST776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-15
LYM67F.01 AMSCO-LYM67F.01 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.1 2023-06-22
LYT776 AMSCO-LYT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com