Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG-T77K Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # LOG-T77K
Description  Multi TOPLED® Reverse Gullwing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LOG-T77K Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button LOG-T77K Datasheet HTML 8Page - ams-OSRAM AG LOG-T77K Datasheet HTML 9Page - ams-OSRAM AG LOG-T77K Datasheet HTML 10Page - ams-OSRAM AG LOG-T77K Datasheet HTML 11Page - ams-OSRAM AG LOG-T77K Datasheet HTML 12Page - ams-OSRAM AG LOG-T77K Datasheet HTML 13Page - ams-OSRAM AG LOG-T77K Datasheet HTML 14Page - ams-OSRAM AG LOG-T77K Datasheet HTML 15Page - ams-OSRAM AG LOG-T77K Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LOG T77K
DATASHEET
DATASHEET
12 | Version 1.1 | 2022-05-30
Recommended Solder Pad 7)
OHLPY961
6 (0.236)
1.5 (0.059)
6 (0.236)
Cu-Fläche > 16 mm2
Cu-area > 16 mm 2
Padgeometrie
für verbesserte
Wärmeableitung
heat dissipation
for improved
Paddesign
Lötstopplack
Solder resist
1.5 (0.059)
Hole in PCB
2.4 (0.094)
2.8 (0.110)
For superior solder joint connectivity results we recommend soldering under standard nitrogen atmosphere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com