Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG-T77K Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LOG-T77K
Description  Multi TOPLED® Reverse Gullwing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LOG-T77K Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LOG-T77K Datasheet HTML 2Page - ams-OSRAM AG LOG-T77K Datasheet HTML 3Page - ams-OSRAM AG LOG-T77K Datasheet HTML 4Page - ams-OSRAM AG LOG-T77K Datasheet HTML 5Page - ams-OSRAM AG LOG-T77K Datasheet HTML 6Page - ams-OSRAM AG LOG-T77K Datasheet HTML 7Page - ams-OSRAM AG LOG-T77K Datasheet HTML 8Page - ams-OSRAM AG LOG-T77K Datasheet HTML 9Page - ams-OSRAM AG LOG-T77K Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LOG T77K
DATASHEET
DATASHEET
6 | Version 1.1 | 2022-05-30
Brightness Groups
● orange
Group
Luminous Intensity 1)
Luminous Intensity 1)
I
F = 2 mA
I
F = 2 mA
min.
max.
I
v
I
v
J
4.5 mcd
7.1 mcd
17.4 mlm
K
7.1 mcd
11.2 mcd
27.4 mlm
L
11.2 mcd
18.0 mcd
43.8 mlm
Brightness Groups
● green
Group
Luminous Intensity 1)
Luminous Intensity 1)
I
F = 2 mA
I
F = 2 mA
min.
max.
I
v
I
v
G
1.8 mcd
2.8 mcd
6.9 mlm
H
2.8 mcd
4.5 mcd
11.0 mlm
J
4.5 mcd
7.1 mcd
17.4 mlm
Group Name on Label
Example: J-1+G-1
Color
Brightness
Wavelength
● orange
J
1
● green
G
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com