Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC32308 Datasheet (PDF) - Renesas Technology Corp

RC32308 Datasheet PDF - Renesas Technology Corp
Part # RC32308
Download  RC32308 Download
File Size   1093.83 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClockTM 3 Jitter Attenuator and Multi-Frequency Clock Synthesizer

RC32308 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC32308 Datasheet PDF - Renesas Technology Corp

Part # RC32308
Download  RC32308 Click to download

File Size   1093.83 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClockTM 3 Jitter Attenuator and Multi-Frequency Clock Synthesizer

RC32308 Datasheet (HTML) - Renesas Technology Corp


RC32308 Product details

▪ Jitter 25fs RMS, 12kHz to 20MHz with 4MHz HPF
▪ Output frequency range:
• 4kHz to 1GHz for differential outputs
• 4kHz to 250MHz for single-ended outputs
▪ Up to 12 HCSL (AC-LVPECL) or LVDS outputs with
independent integer dividers; differential outputs
can be configured as two single-ended outputs
▪ Up to four clock inputs that can each be configured
as differential or as two single-ended inputs
▪ Input frequency range:
• 1kHz to 1GHz for differential inputs
• 1kHz to 250MHz for single-ended inputs
▪ Compliant to ITU-T G.8262 and G.8262.1
▪ Hitless reference switching, manual or automatic
▪ DPLL input-to-output phase variation ≤ 500ps
▪ DCO frequency resolution < 10-13
▪ Factory programmable internal OTP
▪ RC32312
• 4 inputs and 12 outputs
• 9 × 9 mm, 64-VFQFPN
▪ RC32308
• 3 inputs and 8 outputs
• 7 × 7 mm, 48-VFQFPN
▪ Operating voltage: 1.8V
• Serial ports support 1.8V or 3.3V
▪ Operating temperature:
• -40°C to 85°C ambient
• -40°C to 105°C board




Similar Part No. - RC32308

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC32308 RENESAS-RC32308 Datasheet
929Kb / 34P
FemtoClockTM 3 Jitter Attenuator and Multi-Frequency Clock Synthesizer
Nov 17, 2025
RC32308 RENESAS-RC32308 Datasheet
1Mb / 34P
FemtoClockTM 3 Jitter Attenuator and Multi-Frequency Clock Synthesizer
Rev.1.17 May 8, 2026
RC32308A000GNE#BB0 RENESAS-RC32308A000GNE#BB0 Datasheet
929Kb / 34P
FemtoClockTM 3 Jitter Attenuator and Multi-Frequency Clock Synthesizer
Nov 17, 2025
RC32308A000GNE#BB0 RENESAS-RC32308A000GNE#BB0 Datasheet
1Mb / 34P
FemtoClockTM 3 Jitter Attenuator and Multi-Frequency Clock Synthesizer
Rev.1.17 May 8, 2026
RC32308A000GNE#KB0 RENESAS-RC32308A000GNE#KB0 Datasheet
929Kb / 34P
FemtoClockTM 3 Jitter Attenuator and Multi-Frequency Clock Synthesizer
Nov 17, 2025
More results


Similar Description - RC32308

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V19N492-39 RENESAS-8V19N492-39 Datasheet
2Mb / 73P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
December 11, 2020
8V19N470 RENESAS-8V19N470 Datasheet
1Mb / 82P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 20, 2017
8V19N472 RENESAS-8V19N472 Datasheet
1Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 7, 2017
8V19N474 RENESAS-8V19N474 Datasheet
1Mb / 65P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 15, 2018
8V19N478 RENESAS-8V19N478 Datasheet
1Mb / 68P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 15, 2018
8V19N490-19 RENESAS-8V19N490-19 Datasheet
1Mb / 79P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 27, 2017
8V19N490-24 RENESAS-8V19N490-24 Datasheet
1Mb / 79P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 27, 2017
8V19N490 RENESAS-8V19N490 Datasheet
1Mb / 84P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 26, 2017
8V19N491-36 RENESAS-8V19N491-36 Datasheet
2Mb / 76P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 5, 2020
8V19N492 RENESAS-8V19N492 Datasheet
2Mb / 77P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 10, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com