Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1407P Datasheet (PDF) - Texas Instruments

CC1407P Datasheet PDF - Texas Instruments
Part # CC1407P
Download  CC1407P Download
File Size   1897.92 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC1407P SimpleLink™ High-Performance Sub-1GHz OFDM, O-QPSK, and FSK Transceiver

CC1407P Datasheet (PDF)

Go To PDF Page Download Datasheet
CC1407P Datasheet PDF - Texas Instruments

Part # CC1407P
Download  CC1407P Click to download

File Size   1897.92 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC1407P SimpleLink™ High-Performance Sub-1GHz OFDM, O-QPSK, and FSK Transceiver

CC1407P Datasheet (HTML) - Texas Instruments


CC1407P Product details

1 Features
RF performance and analog features
• High-performance, software-configurable transceiver with support for IEEE 802.15.4
• Wide RF frequency coverage from 118MHz to 1435MHz
• Supported modulation formats:
– SUN OFDM, OFDM-long range (OFDM-LR), SUN FSK, SUN O-QPSK, 2-(G)FSK, 4-(G) FSK, (G)MSK, O-QPSK, and OOK
• High linearity PA:
– Up to +16dBm output power with SUN OFDM
– Up to +22dBm output power with FSK, OQPSK, and OFDM-LR
• High efficiency PA:
– +16dBm output power in differential mode
– +14dBm output power in single-ended mode
– Supports FSK, O-QPSK, and OOK
• Receiver sensitivity (w/uLNA enabled):
– -131dBm at 0.75kbps O-QPSK 12ksps
– -126dBm at 1.4kbps OFDM-LR Option 2
– -121dBm at 6.25kbps SUN O-QPSK RM0
– -116dBm at 12.5kbps SUN OFDM O4 MCS0
– -111dBm at 50kbps SUN OFDM O2 MCS0
– -103dBm at 300kbps SUN OFDM O4 MCS6
– -100dBm at 600kbps SUN OFDM O3 MCS6
– -97dBm at 1200kbps SUN OFDM O2 MCS6
– -94dBm at 2400kbps SUN OFDM O1 MCS6
– -111dBm at 100sbps (50kbps) SUN FSK #2b, w/ FEC
• Current consumption:
– 8.1mA RX SUN OFDM
– 6.9mA RX in SUN FSK, SUN O-QPSK
– TX (high linearity PA): 67mA at +14dBm SUN OFDM MCS6
– TX (high linearity PA): 134mA at +22dBm
– TX (high efficiency PA): 33mA at +16dBm




Similar Part No. - CC1407P

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
CC1402 MARATHON-CC1402 Datasheet
280Kb / 1P
Power Block Covers
logo
Texas Instruments
CC1402P TI2-CC1402P Datasheet
1Mb / 37P
CC1402P SimpleLink™ General Purpose FSK Transceiver with Integrated High Power Amplifier
SEPTEMBER 2026
CC1402PT1RKP TI2-CC1402PT1RKP Datasheet
1Mb / 37P
CC1402P SimpleLink™ General Purpose FSK Transceiver with Integrated High Power Amplifier
SEPTEMBER 2026
logo
Marathon Special Produc...
CC1403 MARATHON-CC1403 Datasheet
280Kb / 1P
Power Block Covers
logo
SHIELD s.r.l.
CC1403A00 SHIELD-CC1403A00 Datasheet
206Kb / 2P
For electrovalves, style A, 3pG, female, with cable
More results


Similar Description - CC1407P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
High Performance ISM Band FSK/ASK Transceiver IC
ADF7020-1 AD-ADF7020-1 Datasheet
780Kb / 48P
High Performance FSK/ASK Transceiver IC
12/05-Revision 0
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020-1 AD-ADF7020-1_15 Datasheet
781Kb / 48P
High Performance FSK/ASK Transceiver IC
REV. 0
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
Sub-1GHz OOK/FSK Transmitter
logo
Texas Instruments
CC1312R TI1-CC1312R Datasheet
550Kb / 48P
SimpleLink High-Performance Sub-1 GHz Wireless MCU
CC1314R10 TI-CC1314R10 Datasheet
3Mb / 78P
CC1314R10 SimpleLink™ High-Performance Sub-1 GHz Wireless MCU
REVISED JUNE 2023
CC1354R10 TI1-CC1354R10 Datasheet
3Mb / 87P
CC1354R10 SimpleLink™ High-Performance Multi-Band Wireless MCU
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com