Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTK55PCEDRIVE Datasheet (PDF) - StarTech.com Ltd.

CTK55PCEDRIVE Datasheet PDF - StarTech.com Ltd.
Part # CTK55PCEDRIVE
Download  CTK55PCEDRIVE Download
File Size   76.28 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 55-Bit Electric Precision Screwdriver Set - Portable Cordless Battery Powered Bit Driver Kit for Electronics, Laptop, Computers, Tablet & Phone Repairs - Magnetic Work Pad

CTK55PCEDRIVE Datasheet (PDF)

Go To PDF Page Download Datasheet
CTK55PCEDRIVE Datasheet PDF - StarTech.com Ltd.

Part # CTK55PCEDRIVE
Download  CTK55PCEDRIVE Click to download

File Size   76.28 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 55-Bit Electric Precision Screwdriver Set - Portable Cordless Battery Powered Bit Driver Kit for Electronics, Laptop, Computers, Tablet & Phone Repairs - Magnetic Work Pad

CTK55PCEDRIVE Datasheet (HTML) - StarTech.com Ltd.


CTK55PCEDRIVE Product details

Applications
• Dismantle and reassemble electronic devices during repairs

Features
• PRECISION BATTERY-POWERED DRIVER: This compact electric precision screwdriver is the perfect tool to
dismantle/assemble electronics/devices; The cordless aluminum driver is battery powered (2xAAA incl.); LED light &
buttons for forward and reverse modes
• FULL TOOL-KIT: Set includes driver, 55x precision bits (8x Phillips, 7x Slot, 4x Torx, 7x Torx Security, 11x
Hexagonal, 3x Pentalobe, 3x Spanner, 5x TriWing, 4x Triangle, 3x Robertson), magnetic work pad, bit extender,
magnetizer/demagnetizer & hard case
• WORKS WITH MOST MAJOR ELECTRONIC DEVICES: The bits included have been specially selected for
compatibility with major brands of smartphones, tablets & laptop computers incl but not limited to
iPhone/iPad/Samsung Galaxy/HP/Acer Chromebook/ThinkPad/Macbook
• HASSLE-FREE OPERATION: Portable/mini power operated driver w/ 0.35 N.m of torque (max) & 110 rpm (max)
helps to prevent screw damage; Works w/all 4mm bits; Quick change batteries ensures uninterrupted operation, ideal
for IT/repair shops




Similar Part No. - CTK55PCEDRIVE

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01P8 CYSTEKEC-CTK24BC01P8 Datasheet
378Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01Q8 CYSTEKEC-CTK24BC01Q8 Datasheet
376Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC02P8 CYSTEKEC-CTK24BC02P8 Datasheet
378Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results


Similar Description - CTK55PCEDRIVE

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1108 SILABS-TS1108 Datasheet
1Mb / 23P
Portable/Battery-Powered Systems
logo
Union Semiconductor, In...
UM8517P UNIONSEMI-UM8517P Datasheet
157Kb / 5P
Battery-Powered Portable Equipments
logo
Analog Devices
UG-065 AD-UG-065 Datasheet
524Kb / 12P
Battery-powered for portable applications
Rev. A
logo
Renesas Technology Corp
ISL88705 RENESAS-ISL88705 Datasheet
912Kb / 16P
Portable/Battery Powered Equipment
logo
List of Unclassifed Man...
8002 ETC2-8002 Datasheet
629Kb / 17P
Portable computers
logo
PHOENIX CONTACT
1208542 PHOENIX-1208542 Datasheet
45Kb / 1P
Battery-powered screwdriver set - ASD 21 SET 12OV
1212530 PHOENIX-1212530 Datasheet
54Kb / 3P
Battery-powered screwdriver set - SF-ASD 21 SET 230V
1212532 PHOENIX-1212532 Datasheet
50Kb / 3P
Battery-powered screwdriver - SF-ASD 21
logo
SparkFun Electronics
TOL-15003 SPARKFUN-TOL-15003 Datasheet
93Kb / 2P
Magnetic Screwdriver Set (20 Piece)
12??0??8
TOL-15548 SPARKFUN-TOL-15548 Datasheet
140Kb / 2P
Electric Hobby Screwdriver Set
9??4??9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com