Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTK55PCEDRIVE Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # CTK55PCEDRIVE
Description  55-Bit Electric Precision Screwdriver Set - Portable Cordless Battery Powered Bit Driver Kit for Electronics, Laptop, Computers, Tablet & Phone Repairs - Magnetic Work Pad
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CTK55PCEDRIVE Datasheet(HTML) 2 Page - StarTech.com Ltd.

  CTK55PCEDRIVE Datasheet HTML 1Page - StarTech.com Ltd. CTK55PCEDRIVE Datasheet HTML 2Page - StarTech.com Ltd. CTK55PCEDRIVE Datasheet HTML 3Page - StarTech.com Ltd. CTK55PCEDRIVE Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• Torx H4x28: T2, T3, T4, T5
• Torx Security H4x28: T6, T7, T8, T9, T10, T15, T20
• Hexagonal H4x28: H0.7, H0.9, H1.3, H1.5, H2.0, H2.5, H3.0, H3.5, H4.0
• Hexagonal H4x45: H2.0, H2.5
• Pentalobe H4x28: P2(0.8), P5(1.2), P6(1.5)
• Spanner H4x28: U2.0, U2.6, U3.0
• Tri Wing H4x28: Y0.6, Y1.0, Y2.0, Y2.5, Y3.0
• Triangle H4x28: 2.0, 2.3, 2.5, 3.0
• Robertson H4x28: (square) S0, S1, S2
Included with the electric driver is a durable hard plastic case, and a convenient magnetic work pad. The carrying
case features peg holes for each included bit as well as a sleek compartment for the driver, while the magnetic work
pad ensures your screws and bits will stay where you place them, until you're ready use them.
CTK55PCEDRIVE is backed by a StarTech.com 2-year warranty with free 24/5 multi-lingual North American based
technical support. StarTech.com has been the IT professionals' choice for over 30 years.
Certifications, Reports and Compatibility
Applications
• Dismantle and reassemble electronic devices during repairs
Features
• PRECISION BATTERY-POWERED DRIVER: This compact electric precision screwdriver is the perfect tool to
dismantle/assemble electronics/devices; The cordless aluminum driver is battery powered (2xAAA incl.); LED light &
buttons for forward and reverse modes
• FULL TOOL-KIT: Set includes driver, 55x precision bits (8x Phillips, 7x Slot, 4x Torx, 7x Torx Security, 11x
Hexagonal, 3x Pentalobe, 3x Spanner, 5x TriWing, 4x Triangle, 3x Robertson), magnetic work pad, bit extender,
magnetizer/demagnetizer & hard case
• WORKS WITH MOST MAJOR ELECTRONIC DEVICES: The bits included have been specially selected for
compatibility with major brands of smartphones, tablets & laptop computers incl but not limited to
iPhone/iPad/Samsung Galaxy/HP/Acer Chromebook/ThinkPad/Macbook
• HASSLE-FREE OPERATION: Portable/mini power operated driver w/ 0.35 N.m of torque (max) & 110 rpm (max)
helps to prevent screw damage; Works w/all 4mm bits; Quick change batteries ensures uninterrupted operation, ideal
for IT/repair shops



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com