Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTK55PCEDRIVE Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # CTK55PCEDRIVE
Description  55-Bit Electric Precision Screwdriver Set - Portable Cordless Battery Powered Bit Driver Kit for Electronics, Laptop, Computers, Tablet & Phone Repairs - Magnetic Work Pad
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CTK55PCEDRIVE Datasheet(HTML) 3 Page - StarTech.com Ltd.

  CTK55PCEDRIVE Datasheet HTML 1Page - StarTech.com Ltd. CTK55PCEDRIVE Datasheet HTML 2Page - StarTech.com Ltd. CTK55PCEDRIVE Datasheet HTML 3Page - StarTech.com Ltd. CTK55PCEDRIVE Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• BITS: PH0000/PH000/PH00/PH0/PH1/PH2/SL1.0/SL1.5/SL2.5/SL3.0/SL3.5/Torx T2/T3/T4/T5/Torx Security
T6/T7/T8/T9/T10/T15/T20/H0.7/H0.9/H1.3/H1.5/H2.0/H2.5/H3.0/H3.5/H4.0/P2(0.8)/P5(1.2)/P6(1.5)/U2.0/U2.6/U3.0/Y
0.6/Y1.0/Y2.0/Y2.5/Y3.0/Triangle 2.0/2.3/2.5/3.0
Performance
Warranty
2 Years
General Specifications
Power Supply: 2x AAA Batteries (included)
Speed: 110 RPM
Output Torque: 0.25 - 0.35 N.m
Included Magnetic Work Pad Size: 7.9 in [20cm] x 3.7 in [9.5 cm]
Supported Bit Size: 4mm
Included Bit Size: H4x28mm (50 bits)
H4x45mm (5 bits)
Included Bits: Philips (crosshead) H4x28 PH0000, PH000, PH00,
PH0, PH1, PH2
Philips (crosshead) H4x45 PH0, PH2
Slot (flathead) H4x28 SL1.0, SL1.5, SL 2.0, SL2.5, SL3.0, SL3.5
Slot (flathead) H4x45 SL2.5
Torx H4x28 T2, T3, T4, T5
Torx Security H4x28 T6, T7, T8, T9, T10, T15, T20
Hexagonal H4x28 H0.7, H0.9, H1.3, H1.5, H2.0, H2.5, H3.0,
H3.5, H4.0
Hexagonal H4x45 H2.0, H2.5
Pentalobe H4x28 P2(0.8), P5(1.2), P6(1.5)
Spanner H4x28 U2.0, U2.6, U3.0
Tri Wing H4x28 Y0.6, Y1.0, Y2.0, Y2.5, Y3.0
Triangle H4x28 2.0, 2.3, 2.5, 3.0
Robertson H4x28 (square) S0, S1, S2
Bit Extender
Physical
Characteristics
Color
Silver



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com