Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTK55PCEDRIVE Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # CTK55PCEDRIVE
Description  55-Bit Electric Precision Screwdriver Set - Portable Cordless Battery Powered Bit Driver Kit for Electronics, Laptop, Computers, Tablet & Phone Repairs - Magnetic Work Pad
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CTK55PCEDRIVE Datasheet(HTML) 1 Page - StarTech.com Ltd.

  CTK55PCEDRIVE Datasheet HTML 1Page - StarTech.com Ltd. CTK55PCEDRIVE Datasheet HTML 2Page - StarTech.com Ltd. CTK55PCEDRIVE Datasheet HTML 3Page - StarTech.com Ltd. CTK55PCEDRIVE Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
55-Bit Electric Precision Screwdriver Set - Portable Cordless Battery Powered Bit Driver Kit for
Electronics, Laptop, Computers, Tablet & Phone Repairs - Magnetic Work Pad
Product ID: CTK55PCEDRIVE
This cord-less screwdriver is the ideal tool to dismantle and reassemble electronic devices during repairs. The battery
powered driver set includes a precision electric screwdriver (2 x AAA batteries included), 55 micro bits, a
magnetizer/demagnetizer and a magnetic work pad, housed in a durable hard case. A complete range of bits ensures
compatibility with most major brands of smartphones, tablets and laptops including but not limited to Apple iPhones,
iPads, Macbooks, Samsung Galaxy, HP and Acer Chromebooks, Lenovo ThinkPads.
The premium electric driver included with this kit has several features designed for hassle-free repairs.
• A built-in LED work light illuminates the area that the driver is operating in, ensuring you can clearly see shadowless
details, regardless of the lighting in your repair area.
• Battery operated forward and reverse modes with 0.25 to 0.35 N.m of torque, ensures you can effortlessly install
and remove screws without the wrist strain that comes with manual drivers.
• The included magnetizer/demagnetizer gives you the option to magnetize the driver to ensure screws are easy to
install/remove without losing them. Plus, the head can be demagnetized for IT repairs on devices that may be
sensitive to magnets.
• Quick changing batteries ensure uninterrupted operation.
This kit features 55x4mm bits specially selected for extensive compatibility with major brands of smartphones, tablets
and laptop computers. Bits Included:
• Philips (crosshead) H4x28: PH0000, PH000, PH00, PH0, PH1, PH2
• Philips (crosshead) H4x45: PH0, PH2
• Slot (flathead) H4x28: SL1.0, SL1.5, SL 2.0, SL2.5, SL3.0, SL3.5
• Slot (flathead) H4x45: SL2.5


Similar Part No. - CTK55PCEDRIVE

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01P8 CYSTEKEC-CTK24BC01P8 Datasheet
378Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01Q8 CYSTEKEC-CTK24BC01Q8 Datasheet
376Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC02P8 CYSTEKEC-CTK24BC02P8 Datasheet
378Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results

Similar Description - CTK55PCEDRIVE

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1108 SILABS-TS1108 Datasheet
1Mb / 23P
Portable/Battery-Powered Systems
logo
Union Semiconductor, In...
UM8517P UNIONSEMI-UM8517P Datasheet
157Kb / 5P
Battery-Powered Portable Equipments
logo
Analog Devices
UG-065 AD-UG-065 Datasheet
524Kb / 12P
Battery-powered for portable applications
Rev. A
logo
Renesas Technology Corp
ISL88705 RENESAS-ISL88705 Datasheet
912Kb / 16P
Portable/Battery Powered Equipment
logo
List of Unclassifed Man...
8002 ETC2-8002 Datasheet
629Kb / 17P
Portable computers
logo
PHOENIX CONTACT
1208542 PHOENIX-1208542 Datasheet
45Kb / 1P
Battery-powered screwdriver set - ASD 21 SET 12OV
1212530 PHOENIX-1212530 Datasheet
54Kb / 3P
Battery-powered screwdriver set - SF-ASD 21 SET 230V
1212532 PHOENIX-1212532 Datasheet
50Kb / 3P
Battery-powered screwdriver - SF-ASD 21
logo
SparkFun Electronics
TOL-15003 SPARKFUN-TOL-15003 Datasheet
93Kb / 2P
Magnetic Screwdriver Set (20 Piece)
12??0??8
TOL-15548 SPARKFUN-TOL-15548 Datasheet
140Kb / 2P
Electric Hobby Screwdriver Set
9??4??9
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com