Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP14MDPMM2MB Datasheet (PDF) - StarTech.com Ltd.

DP14MDPMM2MB Datasheet PDF - StarTech.com Ltd.
Part # DP14MDPMM2MB
Download  DP14MDPMM2MB Download
File Size   86.21 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 6ft (2m) VESA Certified Mini DisplayPort to DisplayPort 1.4 Cable - 8K 60Hz HBR3 HDR - Super UHD mDP to DP 1.4 Cord - Slim (34 AWG) Ultra HD 4K 120Hz - Monitor/Video Cable

DP14MDPMM2MB Datasheet (PDF)

Go To PDF Page Download Datasheet
DP14MDPMM2MB Datasheet PDF - StarTech.com Ltd.

Part # DP14MDPMM2MB
Download  DP14MDPMM2MB Click to download

File Size   86.21 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 6ft (2m) VESA Certified Mini DisplayPort to DisplayPort 1.4 Cable - 8K 60Hz HBR3 HDR - Super UHD mDP to DP 1.4 Cord - Slim (34 AWG) Ultra HD 4K 120Hz - Monitor/Video Cable

DP14MDPMM2MB Datasheet (HTML) - StarTech.com Ltd.


DP14MDPMM2MB Product details

Features
• mDP to DisplayPort 1.4 CABLE: 6.6ft (2m) VESA Certified with 32.4Gbps bandwidth; 8K 60Hz (7680x4320) w/
DSC, 4K 120Hz (3840x2160), HDR meta transport, HBR3, 32 ch audio, MST monitor daisy-chain, FEC error control;
Works with DisplayHDR certified Monitors
• RELIABLE: Built with internal wire manager to ensure signal integrity; Al-Mylar foil with Braid and metal connector
sub-structure provide EMI shielding; Latching connector on DP end to prevent accidental disconnection
• DURABLE: PVC jacket of this slim (outer diameter: 4.5mm) video cable (34 AWG) absorbs stress of frequent bends
with strain relief protecting the core of the DisplayPort cord; Gold plated connectors prevent oxidization and tarnish
• BROAD COMPATIBILITY: Works with Nvidia Quadro: P620, P600, P400, and AMD Radeon Pro: VII, SSG,
WX9100/4100/3200/3100/2100, W5700/5500 & FirePro: W9100/900/600/4100; Works with mDP 1.2 and Thunderbolt
2 host device (1080p/4K)
• SPECS: 6.6ft (2m) Black DisplayPort 1.4 Mini DP Male to DP Male 34 AWG Jacket: PVC EMI Shielding
Supported Protocols: HBR 3, 4:4:4 Chroma Subsampling, DSC 1.2, HDCP 2.2, MST Lifetime Warranty




Similar Part No. - DP14MDPMM2MB

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DP14MDPMM1MB STARTECH-DP14MDPMM1MB Datasheet
86Kb / 4P
3ft (1m) VESA Certified Mini DisplayPort to DisplayPort 1.4 Cable - 8K 60Hz HBR3 HDR - Super UHD mDP to DP 1.4 Cord - Slim (34 AWG) Ultra HD 4K 120Hz - Monitor/Video Cable
More results


Similar Description - DP14MDPMM2MB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P583-003 TRIPPLITE-P583-003 Datasheet
154Kb / 2P
Mini DisplayPort to DisplayPort 4K @ 60 Hz Adapter, DisplayPort 1.2, mDP to DP Cable (M/M), 3 ft.
P583-010 TRIPPLITE-P583-010 Datasheet
154Kb / 2P
Mini DisplayPort to DisplayPort 4K @60Hz Adapter, DisplayPort 1.2, mDP to DP Cable (M/M), 10 ft.
logo
IOGEAR
G2LDPDP02 IOGEAR-G2LDPDP02 Datasheet
141Kb / 2P
DisplayPort to DisplayPort Cable - 6ft
G2LDPDP14 IOGEAR-G2LDPDP14 Datasheet
143Kb / 2P
DisplayPort 1.4 Male-to-Male 6 Ft. Cable
G2LMDPDP02 IOGEAR-G2LMDPDP02 Datasheet
142Kb / 2P
Mini DisplayPort to DisplayPort Cable - 6ft
GDP14RPT IOGEAR-GDP14RPT Datasheet
150Kb / 2P
DisplayPort 1.4 8K Repeater
GDP14SW2 IOGEAR-GDP14SW2 Datasheet
150Kb / 2P
2-Port 8K DisplayPort 1.4 Switch
logo
Tripp Lite. All Rights ...
P583-003-BK TRIPPLITE-P583-003-BK_V01 Datasheet
52Kb / 3P
Mini DisplayPort to DisplayPort Adapter Cable, 4K 60Hz (M/M), DP Latching Connector, Black, 3 ft. (0.9 m)
P583-003 TRIPPLITE-P583-003_V01 Datasheet
33Kb / 3P
Mini DisplayPort to DisplayPort Adapter Cable, 4K 60Hz (M/M), DP Latching Connector, White, 3 ft. (0.9 m)
P583-010 TRIPPLITE-P583-010_V01 Datasheet
34Kb / 3P
Mini DisplayPort to DisplayPort Adapter Cable, 4K 60Hz (M/M), DP Latching Connector, White, 10 ft. (3.1 m)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com