Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP14MDPMM2MB Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # DP14MDPMM2MB
Description  6ft (2m) VESA Certified Mini DisplayPort to DisplayPort 1.4 Cable - 8K 60Hz HBR3 HDR - Super UHD mDP to DP 1.4 Cord - Slim (34 AWG) Ultra HD 4K 120Hz - Monitor/Video Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DP14MDPMM2MB Datasheet(HTML) 2 Page - StarTech.com Ltd.

  DP14MDPMM2MB Datasheet HTML 1Page - StarTech.com Ltd. DP14MDPMM2MB Datasheet HTML 2Page - StarTech.com Ltd. DP14MDPMM2MB Datasheet HTML 3Page - StarTech.com Ltd. DP14MDPMM2MB Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• Nvidia Quadro P series.
Built to Last
This Mini DisplayPort to DisplayPort v1.4 adapter cable is designed with gold-plated latching DisplayPort connectors
that prevent accidental disconnection, making it a great accessory for office or boardroom applications.
Having 34 AWG conductors and 4.5mm outer diameter, this slim cable offers both flexibility and ease of connection.
The DP14MDPMM2MB is backed by a StarTech.com lifetime warranty and free lifetime technical support.
Certifications, Reports and Compatibility
Applications
Features
• mDP to DisplayPort 1.4 CABLE: 6.6ft (2m) VESA Certified with 32.4Gbps bandwidth; 8K 60Hz (7680x4320) w/
DSC, 4K 120Hz (3840x2160), HDR meta transport, HBR3, 32 ch audio, MST monitor daisy-chain, FEC error control;
Works with DisplayHDR certified Monitors
• RELIABLE: Built with internal wire manager to ensure signal integrity; Al-Mylar foil with Braid and metal connector
sub-structure provide EMI shielding; Latching connector on DP end to prevent accidental disconnection
• DURABLE: PVC jacket of this slim (outer diameter: 4.5mm) video cable (34 AWG) absorbs stress of frequent bends
with strain relief protecting the core of the DisplayPort cord; Gold plated connectors prevent oxidization and tarnish
• BROAD COMPATIBILITY: Works with Nvidia Quadro: P620, P600, P400, and AMD Radeon Pro: VII, SSG,
WX9100/4100/3200/3100/2100, W5700/5500 & FirePro: W9100/900/600/4100; Works with mDP 1.2 and Thunderbolt
2 host device (1080p/4K)
• SPECS: 6.6ft (2m) Black DisplayPort 1.4 Mini DP Male to DP Male 34 AWG Jacket: PVC EMI Shielding
Supported Protocols: HBR 3, 4:4:4 Chroma Subsampling, DSC 1.2, HDCP 2.2, MST Lifetime Warranty
Hardware
Warranty
Lifetime
Number of Conductors
19
Connector Plating
Gold
Cable Jacket Material
PVC - Polyvinyl Chloride



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com