Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP14MDPMM2MB Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # DP14MDPMM2MB
Description  6ft (2m) VESA Certified Mini DisplayPort to DisplayPort 1.4 Cable - 8K 60Hz HBR3 HDR - Super UHD mDP to DP 1.4 Cord - Slim (34 AWG) Ultra HD 4K 120Hz - Monitor/Video Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DP14MDPMM2MB Datasheet(HTML) 1 Page - StarTech.com Ltd.

  DP14MDPMM2MB Datasheet HTML 1Page - StarTech.com Ltd. DP14MDPMM2MB Datasheet HTML 2Page - StarTech.com Ltd. DP14MDPMM2MB Datasheet HTML 3Page - StarTech.com Ltd. DP14MDPMM2MB Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6ft (2m) VESA Certified Mini DisplayPort to DisplayPort 1.4 Cable - 8K 60Hz HBR3 HDR - Super
UHD mDP to DP 1.4 Cord - Slim (34 AWG) Ultra HD 4K 120Hz - Monitor/Video Cable
Product ID: DP14MDPMM2MB
This 2 meter VESA Certified Mini DisplayPort to DisplayPort v1.4 cable features a mDP male connector on one end,
and a DP male latching connector on the other, allowing you to connect any Mini DisplayPort-enabled laptop or
workstation to an 8K TV, monitor or projector that uses a standard DisplayPort connection.
Astonishing Picture Quality
This mDP to DP 1.4 cable supports high resolutions of up to 8K (7680 x 4320p) at 60Hz or 4K (3840 x 2160) at
120Hz with a maximum HBR3 bandwidth of 32.4 Gbps and ensures that digitally protected content is displayed
properly, with both HDCP 2.2 and DPCP capability. The adapter cable also supports:
• Multi-Stream Transport (MST) for daisy chaining multiple monitors.
• Display Stream Compression (DSC) v1.2 transport that enables up to 3:1 compression ratio.
• HDR meta transport, which offers a flexible metadata packet transport to support future dynamic HDR standards.
• Expanded audio transport, which covers capabilities such as 32 uncompressed audio channels, 1536kHz sample
rate.
• Forward Error Correction (FEC), which overlays the DSC 1.2 transport, addresses the transport error resiliency
needed for compressed video transport to external displays.
Ultimate Compatibility
This Mini DisplayPort to DisplayPort adapter is compatible with several systems, including your PC, Mac and
Microsoft Surface devices with mDP. For ultimate convenience, this Mini DisplayPort cable works with computers that
are equipped with Thunderbolt 2 ports, enabling you to connect your DP compatible displays to your mDP source. In
addition, this DP1.4 adapter cable supports a wide selection of mDP1.4-equipped graphics cards such as:
• Radeon VII, SSG, WX x100, Pro and FirePro series.


Similar Part No. - DP14MDPMM2MB

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DP14MDPMM1MB STARTECH-DP14MDPMM1MB Datasheet
86Kb / 4P
3ft (1m) VESA Certified Mini DisplayPort to DisplayPort 1.4 Cable - 8K 60Hz HBR3 HDR - Super UHD mDP to DP 1.4 Cord - Slim (34 AWG) Ultra HD 4K 120Hz - Monitor/Video Cable
More results

Similar Description - DP14MDPMM2MB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P583-003 TRIPPLITE-P583-003 Datasheet
154Kb / 2P
Mini DisplayPort to DisplayPort 4K @ 60 Hz Adapter, DisplayPort 1.2, mDP to DP Cable (M/M), 3 ft.
P583-010 TRIPPLITE-P583-010 Datasheet
154Kb / 2P
Mini DisplayPort to DisplayPort 4K @60Hz Adapter, DisplayPort 1.2, mDP to DP Cable (M/M), 10 ft.
logo
IOGEAR
G2LDPDP02 IOGEAR-G2LDPDP02 Datasheet
141Kb / 2P
DisplayPort to DisplayPort Cable - 6ft
G2LDPDP14 IOGEAR-G2LDPDP14 Datasheet
143Kb / 2P
DisplayPort 1.4 Male-to-Male 6 Ft. Cable
G2LMDPDP02 IOGEAR-G2LMDPDP02 Datasheet
142Kb / 2P
Mini DisplayPort to DisplayPort Cable - 6ft
GDP14RPT IOGEAR-GDP14RPT Datasheet
150Kb / 2P
DisplayPort 1.4 8K Repeater
GDP14SW2 IOGEAR-GDP14SW2 Datasheet
150Kb / 2P
2-Port 8K DisplayPort 1.4 Switch
logo
Tripp Lite. All Rights ...
P583-003-BK TRIPPLITE-P583-003-BK_V01 Datasheet
52Kb / 3P
Mini DisplayPort to DisplayPort Adapter Cable, 4K 60Hz (M/M), DP Latching Connector, Black, 3 ft. (0.9 m)
P583-003 TRIPPLITE-P583-003_V01 Datasheet
33Kb / 3P
Mini DisplayPort to DisplayPort Adapter Cable, 4K 60Hz (M/M), DP Latching Connector, White, 3 ft. (0.9 m)
P583-010 TRIPPLITE-P583-010_V01 Datasheet
34Kb / 3P
Mini DisplayPort to DisplayPort Adapter Cable, 4K 60Hz (M/M), DP Latching Connector, White, 10 ft. (3.1 m)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com