Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP14MDPMM2MB Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # DP14MDPMM2MB
Description  6ft (2m) VESA Certified Mini DisplayPort to DisplayPort 1.4 Cable - 8K 60Hz HBR3 HDR - Super UHD mDP to DP 1.4 Cord - Slim (34 AWG) Ultra HD 4K 120Hz - Monitor/Video Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DP14MDPMM2MB Datasheet(HTML) 3 Page - StarTech.com Ltd.

  DP14MDPMM2MB Datasheet HTML 1Page - StarTech.com Ltd. DP14MDPMM2MB Datasheet HTML 2Page - StarTech.com Ltd. DP14MDPMM2MB Datasheet HTML 3Page - StarTech.com Ltd. DP14MDPMM2MB Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Cable Shield Material
Aluminum-Mylar Foil with Braid
Performance
Video Revision
DisplayPort 1.4
Maximum Cable Length
6.6 ft [2 m]
Connector(s)
Connector A
1 - Mini-DisplayPort (20 pin)
Connector B
1 - DisplayPort (20 pin)
Environmental
Operating Temperature
0C to 50C (32F to 122F)
Storage Temperature
0C to 50C (32F to 122F)
Humidity
0%RH ~ 85%RH
Physical
Characteristics
Color
Black
Wire Gauge
34 AWG
Cable Length
6.6 ft [2 m]
Cable OD
0.2 in [4.5 mm]
Product Length
8.7 in [22.0 cm]
Product Width
7.9 in [20.0 cm]
Product Height
0.6 in [1.4 cm]
Weight of Product
3.0 oz [85.0 g]
Packaging
Information
Package Quantity
1
Package Length
7.9 in [20.0 cm]
Package Width
0.8 in [2.0 cm]
Package Height
0.5 in [1.3 cm]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com