Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G07GF Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC2G07GF Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC2G07GF
Download  74LVC2G07GF Download
File Size   231.43 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Buffers with open-drain outputs

74LVC2G07GF Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC2G07GF Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC2G07GF
Download  74LVC2G07GF Click to download

File Size   231.43 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Buffers with open-drain outputs

74LVC2G07GF Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC2G07GF Product details

General description
The 74LVC2G07 provides two non-inverting buffers.
The output of this device is an open drain and can be connected to other open-drain
outputs to implement active-LOW wired-OR or active-HIGH wired-AND functions.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of this
device in a mixed 3.3 V and 5 V environment.
Schmitt trigger action at all inputs makes the circuit tolerant for slower input rise and fall
time.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing the damaging backflow current through the
device when it is powered down.
Features and benefits
• Wide supply voltage range from 1.65 V to 5.5 V
• 5 V tolerant input/output for interfacing with 5 V logic
• High noise immunity
• Complies with JEDEC standard:
– JESD8-7 (1.65 V to 1.95 V)
– JESD8-5 (2.3 V to 2.7 V)
– JESD8-B/JESD36 (2.7 V to 3.6 V)
• ESD protection:
– HBM JESD22-A114F exceeds 2 000 V
– MM JESD22-A115-A exceeds 200 V
• -24 mA output drive (VCC = 3.0 V)
• CMOS low power consumption
• Latch-up performance exceeds 250 mA
• Direct interface with TTL levels
• Inputs accept voltages up to 5 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74LVC2G07GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G07GF NXP-74LVC2G07GF Datasheet
88Kb / 15P
Buffers with open-drain outputs
Rev. 04-21 May 2007
74LVC2G07GF PHILIPS-74LVC2G07GF Datasheet
200Kb / 18P
Buffers with open-drain outputs
Rev. 7-4 July 2012
More results


Similar Description - 74LVC2G07GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G07 PHILIPS-74LVC2G07 Datasheet
82Kb / 13P
Buffers with open-drain outputs
2004 Sep 08
74LVC2G07 NXP-74LVC2G07 Datasheet
88Kb / 15P
Buffers with open-drain outputs
Rev. 04-21 May 2007
logo
Unisonic Technologies
U74LVC2G07 UTC-U74LVC2G07 Datasheet
194Kb / 5P
BUFFERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LVC04A DIODES-74LVC04A Datasheet
192Kb / 10P
HEX BUFFERS WITH OPEN DRAIN OUTPUTS
Rev 3
74LV07A DIODES-74LV07A Datasheet
297Kb / 9P
HEX BUFFERS WITH OPEN DRAIN OUTPUTS
Rev 1
74AUP2G07 DIODES-74AUP2G07 Datasheet
443Kb / 12P
DUAL BUFFERS WITH OPEN DRAIN OUTPUTS
Rev 4.2
logo
NXP Semiconductors
74LVC2G07GM PHILIPS-74LVC2G07GM Datasheet
200Kb / 18P
Buffers with open-drain outputs
Rev. 7-4 July 2012
logo
Unisonic Technologies
U74LVC2G07 UTC-U74LVC2G07_15 Datasheet
194Kb / 5P
BUFFERS WITH OPEN-DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74LVC2G07-Q100 NEXPERIA-74LVC2G07-Q100 Datasheet
779Kb / 13P
Buffers with open-drain outputs
74LVC2G07 NEXPERIA-74LVC2G07 Datasheet
257Kb / 17P
Buffers with open-drain outputs
Rev. 12 - 24 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com