Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G07GF Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G07GF
Description  Buffers with open-drain outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G07GF Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC2G07GF Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Nexperia
74LVC2G07
Buffers with open-drain outputs
74LVC2G07
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 10 — 21 August 2017
2 / 19
3 Ordering information
Table 1. Ordering information
Package
Type number
Temperature
range
Name
Description
Version
74LVC2G07GW -40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74LVC2G07GV
-40 °C to +125 °C
TSOP6
plastic surface-mounted package (TSOP6); 6 leads SOT457
74LVC2G07GM -40 °C to +125 °C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1 x 1.45 x 0.5 mm
SOT886
74LVC2G07GF
-40 °C to +125 °C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1 x 1 x 0.5 mm
SOT891
74LVC2G07GN
-40 °C to +125 °C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 0.9 x 1.0 x 0.35 mm
SOT1115
74LVC2G07GS
-40 °C to +125 °C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 1.0 x 1.0 x 0.35 mm
SOT1202
74LVC2G07GX
-40 °C to +125 °C
X2SON6
plastic thermal extremely thin small outline package;
no leads; 6 terminals; body 1 x 0.8 x 0.35 mm
SOT1255
4 Marking
Table 2. Marking
Type number
Marking code[1]
74LVC2G07GW
V7
74LVC2G07GV
V07
74LVC2G07GM
V7
74LVC2G07GF
V7
74LVC2G07GN
V7
74LVC2G07GS
V7
74LVC2G07GX
V7
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5 Functional diagram
mnb092
1A
1Y
1
6
2A
2Y
3
4
Figure 1.  Logic symbol
6
1
1A
1Y
mnb093
4
3
2A
2Y
Figure 2.  IEC logic symbol
mna591
Y
A
GND
Figure 3.  Logic diagram (one driver)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com