Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G07GF Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G07GF
Description  Buffers with open-drain outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G07GF Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G07GF Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Nexperia
74LVC2G07
Buffers with open-drain outputs
74LVC2G07
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 10 — 21 August 2017
11 / 19
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT886
MO-252
sot886_po
04-07-22
12-01-05
Unit
mm
max
nom
min
0.5 0.04
1.50
1.45
1.40
1.05
1.00
0.95
0.35
0.30
0.27
0.40
0.35
0.32
0.6
A(1)
Dimensions (mm are the original dimensions)
Notes
1. Including plating thickness.
2. Can be visible in some manufacturing processes.
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm
SOT886
A1
b
0.25
0.20
0.17
D
E
e
e1
0.5
L
L1
terminal 1
index area
D
E
e1
e
A1
b
L
L1
e1
0
1
2 mm
scale
1
6
2
5
3
4
6x
(2)
4x
(2)
A
Figure 12.  Package outline SOT886 (XSON6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com