Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G07GF Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G07GF
Description  Buffers with open-drain outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G07GF Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G07GF Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Nexperia
74LVC2G07
Buffers with open-drain outputs
74LVC2G07
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 10 — 21 August 2017
6 / 19
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = -40 °C to +125 °C
VCC = 1.65 V to 1.95 V
0.65 x VCC
-
-
V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VIH
HIGH-level input
voltage
VCC = 4.5 V to 5.5 V
0.7 x VCC
-
-
V
VCC = 1.65 V to 1.95 V
-
-
0.35 x VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VIL
LOW-level input
voltage
VCC = 4.5 V to 5.5 V
-
-
0.3 x VCC V
VI = VIH or VIL
IO = 100 μA; VCC = 1.65 V to 5.5 V
-
-
0.10
V
IO = 4 mA; VCC = 1.65 V
-
-
0.70
V
IO = 8 mA; VCC = 2.3 V
-
-
0.45
V
IO = 12 mA; VCC = 2.7 V
-
-
0.60
V
IO = 24 mA; VCC = 3.0 V
-
-
0.80
V
VOL
LOW-level output
voltage
IO = 32 mA; VCC = 4.5 V
-
-
0.80
V
II
input leakage current VI = 5.5 V or GND; VCC = 0 V to 5.5 V
-
-
±1
μA
IOZ
OFF-state output
current
VI = VIH or VIL; VO = VCC or GND;
VCC = 5.5 V
-
-
±2
μA
IOFF
power-off leakage
current
VI or VO = 5.5 V; VCC = 0 V
-
-
±2
μA
ICC
supply current
VI = 5.5 V or GND; IO = 0 A;
VCC = 1.65 V to 5.5 V
-
-
4
μA
ΔICC
additional supply
current
per pin; VI = VCC - 0.6 V; IO = 0 A;
VCC = 2.3 V to 5.5 V
-
-
500
μA
[1]
All typical values are measured at Tamb = 25 °C.
[2]
These typical values are measured at VCC = 3.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com