Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G07GF Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G07GF
Description  Buffers with open-drain outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G07GF Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G07GF Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2G07GF Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Nexperia
74LVC2G07
Buffers with open-drain outputs
74LVC2G07
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 10 — 21 August 2017
10 / 19
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT457
SC-74
w
B
M
bp
D
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
scale
c
X
1
3
2
4
5
6
0
1
2 mm
Plastic surface-mounted package (TSOP6); 6 leads
SOT457
UNIT
A1
bp
c
D
E
HE
Lp
Q
y
w
v
mm
0.1
0.013
0.40
0.25
3.1
2.7
0.26
0.10
1.7
1.3
e
0.95
3.0
2.5
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
0.33
0.23
A
1.1
0.9
05-11-07
06-03-16
Figure 11.  Package outline SOT457 (TSOP6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com