Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM485-PLUS2 Datasheet (PDF) - Future Technology Devices International Ltd.

USB-COM485-PLUS2 Datasheet PDF - Future Technology Devices International Ltd.
Part # USB-COM485-PLUS2
Download  USB-COM485-PLUS2 Download
File Size   856.62 Kbytes
Page   24 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Future Technology Devices International Ltd

USB-COM485-PLUS2 Datasheet (PDF)

Go To PDF Page Download Datasheet
USB-COM485-PLUS2 Datasheet PDF - Future Technology Devices International Ltd.

Part # USB-COM485-PLUS2
Download  USB-COM485-PLUS2 Click to download

File Size   856.62 Kbytes
Page   24 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Future Technology Devices International Ltd

USB-COM485-PLUS2 Datasheet (HTML) - Future Technology Devices International Ltd.


USB-COM485-PLUS2 Product details

1.1 Functional Description
The USB-COM485-PLUS2 is a USB to a dual interface RS485 level serial UART adaptor incorporating FTDI’s FT2232H Hi-Speed USB2.0 (480Mb/s) to dual serial UART interface IC device. The FT2232H handles all the USB signaling and protocols. The adaptor provides a fast, simple way to connect devices with an RS485 interface to USB.
USB-COM485-PLUS2 is a USB to a dual-port RS485 adapter.
The integrated electronics of the USB-COM485-PLUS2 utilise the FTDI FT2232H and includes RS485 level shifters plus TXD/RXD LEDs to provide a visual indication of data traffic through the module.
1.4 Features Adds dual RS-485 serial port by connecting to a USB 2.0 Hi-Speed interface. Easy plug & play installation and RS-485 device connection Operates with USB 1.1 & 2.0 Host and Hub ports Industry Standard FTDI chip set & device drivers for maximum compatibility Microsoft Windows® WHQL-certified, Mac OS X, Linux and Windows CE device drivers Installs as a standard Windows COM port COM port number can be changed to any available COM port number, to support HyperTerminal, or any other serial communications software application running in Windows Supports Windows Server 2008, 2003, Vista, XP, 2000, Windows CE, Linux, Mac OS X FIFO: 4K byte transmit buffer, 4K byte receive buffer RS-485 data signals: Data+, Data-, GND Powered by USB port. No external power adapter required. +5V output available. Serial port speed up to 10Mbps Serial Communication Parameters
o Parity: None, Even, Odd
o Data bits: 7, 8
o Flow control: X-ON/X-OFF, None Two DE-9P male connector LEDs indicate USB Enumeration, RxD, TxD for monitoring port status & easy diagnostics Operating temperature of -40°C to +85°C Echo and non-Echo two modes can be selected.




Similar Part No. - USB-COM485-PLUS2

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
USB-COM485-PLUS1 FTDI-USB-COM485-PLUS1 Datasheet
689Kb / 24P
Future Technology Devices International Ltd
2010-10-06
More results


Similar Description - USB-COM485-PLUS2

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VNC1L-1A-REEL FTDI-VNC1L-1A-REEL Datasheet
767Kb / 32P
Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
Future Technology Devices International Ltd
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
Future Technology Devices International Ltd
FT313HQ-R ETC2-FT313HQ-R Datasheet
1Mb / 67P
Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
Future Technology Devices International Ltd.
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
Future Technology Devices International Ltd.
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
Future Technology Devices International Ltd.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com