Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM485-PLUS2 Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # USB-COM485-PLUS2
Description  Future Technology Devices International Ltd
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB-COM485-PLUS2 Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  USB-COM485-PLUS2 Datasheet HTML 1Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 2Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 3Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 4Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 5Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 6Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 7Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 8Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Copyright © 2010 Future Technology Devices International Limited
1
Document Reference No.: FT_000136
USB-COM485-PLUS2 Datasheet
Version 1.3
Clearance No.: FTDI#104
1 Introduction
1.1 Functional Description
The USB-COM485-PLUS2 is a USB to a dual interface RS485 level serial UART adaptor incorporating
FTDI’s FT2232H Hi-Speed USB2.0 (480Mb/s) to dual serial UART interface IC device. The FT2232H
handles all the USB signaling and protocols. The adaptor provides a fast, simple way to connect devices
with an RS485 interface to USB.
USB-COM485-PLUS2 is a USB to a dual-port RS485 adapter.
The integrated electronics of the USB-COM485-PLUS2 utilise the FTDI FT2232H and includes RS485 level
shifters plus TXD/RXD LEDs to provide a visual indication of data traffic through the module.
Figure 1.1 USB-COM485-PLUS2
The module uses a standard USB-B device connector for connection to an upstream host or hub port.
RS485-level signals are available on an industry-standard DE-9P connector. The maximum RS485-level
data rate is 10Mbps.
The USB-COM485-PLUS2 module requires USB device drivers, available free from www.ftdichip.com,
which are used to make the USB-COM485-PLUS2 appear as a Virtual COM Port (VCP). This allows existing
serial communications software, such as HyperTerminal, to exchange data through the USB-COM485-
PLUS2 to a legacy RS485 peripheral device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com