Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM485-PLUS2 Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # USB-COM485-PLUS2
Description  Future Technology Devices International Ltd
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB-COM485-PLUS2 Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button USB-COM485-PLUS2 Datasheet HTML 3Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 4Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 5Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 6Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 7Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 8Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 9Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 10Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Copyright © 2010 Future Technology Devices International Limited
6
Document Reference No.: FT_000136
USB-COM485-PLUS2 Datasheet
Version 1.3
Clearance No.: FTDI#104
2 Installation
2.1 Example Applications and Configurations
2.1.1 Wiring
Insert the A-plug into an available USB Host or Hub port. Insert the mini-B-plug into the USB mini-B-
receptacle on the USB-COM485-PLUS2.
DTE Pin Number
Signal Name
Expected Connect Signal
1
DATA- = Transmit/Receive
Data, negative polarity
Also Terminator 2
DATA-
Pin 2 of 120R Terminating Resistor. Only Required if the USB-
COM485-PLUS2 is the first or last device in a multi-drop RS485
System, to meet RS485 Termination Requirements.
2
DATA+ = Transmit/Receive
Data, positive polarity
DATA+
3
Terminator 1
Pin 1 of 120R Terminating Resistor. Only Required if the USB-
COM485-PLUS2 is the first or last device in a multi-drop RS485
System, to meet RS485 Termination Requirements.
4
N/A
N/A
5
GND = signal ground
GND
6
N/A
N/A
7
echo enable terminal 1
Local echo function control. Connect to pin 8 can disable the
local echo function. The local echo is enabled by default.
8
echo enable terminal 2
Local echo function control. Connect to pin7 can disable the
local echo function. The local echo is enabled by default.
9
PWR = +5V DC output
PWR
Table 2.1 – RS485 DTE to DCE connection
Figure 2.1 USB-COM485-PLUS2 Termination resistor and echo disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com