Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM485-PLUS2 Datasheet(PDF) 14 Page - Future Technology Devices International Ltd.

Part # USB-COM485-PLUS2
Description  Future Technology Devices International Ltd
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB-COM485-PLUS2 Datasheet(HTML) 14 Page - Future Technology Devices International Ltd.

Back Button USB-COM485-PLUS2 Datasheet HTML 10Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 11Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 12Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 13Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 14Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 15Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 16Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 17Page - Future Technology Devices International Ltd. USB-COM485-PLUS2 Datasheet HTML 18Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Copyright © 2010 Future Technology Devices International Limited
13
Document Reference No.: FT_000136
USB-COM485-PLUS2 Datasheet
Version 1.3
Clearance No.: FTDI#104
3.1.2 RS485
The RS485 ports are configured as Data Terminal Equipment (DTE), with a 9-contact D-Sub Pin
connector. Pin assignments are according to TIA/EIA-485. In addition, pin9 of DB9 provides +5VDC to
an external device with a maximum current draw of 450mA once the USB-COM485-PLUS2 has been
enumerated by the system. Both D-type connectors have a similar connection as described in Table 3.2.
Pin Number
Pin Type
Description
1
Input/Output
DATA-
Pin 2 of 120R Terminating Resistor. Only Required if the USB-
COM485-PLUS2 is the first or last device in a multi-drop RS485
System, to meet RS485 Termination Requirements.
2
Input/Output
DATA+
3
Input
Pin 1 of 120R Terminating Resistor. Only Required if the USB-
COM485-PLUS2 is the first or last device in a multi-drop RS485
System, to meet RS485 Termination Requirements.
4
N/A
N/A
5
GND = signal ground
GND
6
N/A
N/A
7
Input
Pin 7 of the local echo control. Connect to pin 8 of the echo
control to disable local echo. Default is that local echo is
enabled.
8
Output
Connect to pin 7 of the echo control to disable local echo.
Default is that local echo is enabled.
9
PWR = +5V DC output
PWR
Table 3.2 – DE-9P RS485 Pin-Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com