Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7001 Datasheet (PDF) - NXP Semiconductors

A7001 Datasheet PDF - NXP Semiconductors
Part # A7001
Download  A7001 Download
File Size   288.25 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Secure authentication microcontroller

A7001 Datasheet (PDF)

Go To PDF Page Download Datasheet
A7001 Datasheet PDF - NXP Semiconductors

Part # A7001
Download  A7001 Click to download

File Size   288.25 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Secure authentication microcontroller

A7001 Datasheet (HTML) - NXP Semiconductors


A7001 Product details

General description
1.1Overview
The A700x family is a tamper resistant secure Micro Controller Unit (MCU) family using a dedicated security hardened MX51CPU. NXP Semiconductors has a long track record in security MCUs. NXP ICs have been used in all types of security applications such as bank cards, health insurance cards, electronic passports, and pay-TV cards. They have also been used as embedded secure element in mobile phones. The A700x family features a significantly enhanced secure microcontroller architecture. Extended instructions for Java and C code, linear addressing and high speed at low power are among many other improvements added to the classic 80C51 core architecture.
The A700x family supports the following features:
•Dedicated MX51 security CPU
•100 kbit/s I2C slave interface
•ISO/IEC 7816 interface (optional)
•ISO/IEC14443 interface (optional)
•40 C to +90 C operational ambient temperature (optional)
•On-chip operating system firmware: JCOP 2.4.2
•X.509 certificate-based client authentication application pre-installed
•Secure generation and insertion of key and certificate data, individualized
for each die (optional)
•NXP glue logic
•NXP secure fetch technology
•Active shielding technology
•Asynchronous self-timed Handshake Technology
•Up to 76 kB EEPROM for application-code and data
•40 A typical sleep mode current with I2C pads operated in weak pull-up mode, do not obstruct the bus lines
•High-performance secured Public Key Infrastructure (PKI) coprocessor (RSA up to 2048-bit keys, ECC over GF(p) up to 320-bit keys)
•Secured 2-key/3-key triple-DES coprocessor
•Secured AES coprocessor (128-, 192- and 256-bit keys)
•Compliant to Java Card specification V3.0.1 classic as defined in Ref. 1
•Compliant to Global Platform specification as defined in Ref. 2 and Ref. 3
Features and benefits
2.1Standard family features
High reliable EEPROM for both data storage and program execution: 80 kB
Data retention time: 25 years minimum
Endurance: 500,000 cycles minimum
Dedicated Secure_MX51 MCU (Memory eXtended/enhanced 80C51)
100 kbit/s I2C slave interface
Optional ISO/IEC 7816 contact interface
Optional ISO/IEC 14443 A Contactless Interface Unit (CIU)
Public Key Cryptography (PKC) coprocessor supporting RSA, Elgamal, DSS, Diffie-Hellman, Guillou-Quisquater, Fiat-Shamir and Elliptic Curves
RSA support for the key lengths up to 2048 bit
Elliptic Curve over GF(p) Cryptography with key lengths up to 320 bit
Single DES (56 bit) and Triple DES with 2 or 3 Keys (112 bit or 168 bit), encryption and decryption in ECB, CBC and CBC-MAC mode
High-speed AES coprocessor (128-bit parallel processing AES engine)
Low-power True Random Number Generator (TRNG) in hardware, AIS-31 compliant
SHA1, SHA-224 and SHA-256
SEED algorithm
MD5
On-Chip Key generation
CRC calculations
Data Authentication Pattern (DAP) for the Supplementary Security Domains
Low power and low voltage design using NXP Semiconductors handshaking technology
Power-saving SLEEP mode
Wake-up from SLEEP mode by any I2C communication request
40 A typical sleep mode current with I2C pads operated in weak pull-up mode, do not obstruct the bus lines
Internally generated CPU clock (typical 62 MHz)
1.62 V to 5.5 V operating voltage range




Similar Part No. - A7001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A7001AG NXP-A7001AG Datasheet
379Kb / 16P
Secure authentication microcontroller 100 kbit/s I2C slave interface
Rev. 1.1-18 March 2011
A7001AGHN1 NXP-A7001AGHN1 Datasheet
379Kb / 16P
Secure authentication microcontroller 100 kbit/s I2C slave interface
Rev. 1.1-18 March 2011
A7001AGHN3 NXP-A7001AGHN3 Datasheet
379Kb / 16P
Secure authentication microcontroller 100 kbit/s I2C slave interface
Rev. 1.1-18 March 2011
More results


Similar Description - A7001

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T Datasheet
257Kb / 15P
Secure Microcontroller Module
logo
ATMEL Corporation
AT88SC1608 ATMEL-AT88SC1608 Datasheet
253Kb / 25P
8 x 256 x 8 Secure Memory with Authentication
AT90SC6464C-USB ATMEL-AT90SC6464C-USB Datasheet
55Kb / 4P
Secure Microcontroller
AT88SC153 ATMEL-AT88SC153 Datasheet
365Kb / 24P
3 x 64 x 8 Secure Memory with Authentication
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T Datasheet
257Kb / 15P
Secure Microcontroller Module
DS2252T DALLAS-DS2252T_1 Datasheet
95Kb / 14P
Secure Microcontroller Module
logo
Maxim Integrated Produc...
MAXQ1004 MAXIM-MAXQ1004 Datasheet
1Mb / 18P
1-Wire and SPI Authentication Microcontroller
19-5258; Rev 0; 4/10
logo
NXP Semiconductors
A7001AG NXP-A7001AG Datasheet
379Kb / 16P
Secure authentication microcontroller 100 kbit/s I2C slave interface
Rev. 1.1-18 March 2011
logo
List of Unclassifed Man...
SCS200 ETC2-SCS200 Datasheet
168Kb / 2P
Secure Shell (SSH) access provides strong authentication and secure communications
logo
Maxim Integrated Produc...
REFD5822 MAXIM-REFD5822 Datasheet
556Kb / 6P
Alcatraz (MAXREFDES34#): SHA-256 Secure Authentication Design
Feb 12, 2014
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com