Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6051.. Datasheet (PDF) - Multicomp Pro

2N6051.. Datasheet PDF - Multicomp Pro
Part # 2N6051..
Download  2N6051.. Download
File Size   878.28 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Darlington Transistor TO-3

2N6051.. Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6051.. Datasheet PDF - Multicomp Pro

Part # 2N6051..
Download  2N6051.. Click to download

File Size   878.28 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Darlington Transistor TO-3

2N6051.. Datasheet (HTML) - Multicomp Pro


2N6051.. Product details

[Description]
Designed for general-purpose power amplifier and low frequency switching applications

[Features]
• Monolithic construction with bult-in base-emitter shunt resistors TO-3
• High DC current gain - hFE = 3,500 (typical) at IC = 5A
Maximum Ratings
Characteristic Symbol 2N6051 Unit
Collector-Emitter Voltage V CEO
80
CoIIector-Base Voltage V CBO V
Emitter-Base Voltage V EBO 5
Collector Current - Continuous 12
I
-Peak C 20
A
Base Current I 0.2
B
150 W
Total Power Dissipation at T = 25°C Derate above 25°C P
C D 0.857 W/°C
Operating and Storage Junction Temperature Range T J , T STG -65 to +200 °C
Thermal Characteristics
Characteristic Symbol Max. Unit
Thermal Resistance Junction to Case Rθjc 1.17 °C/W




Similar Part No. - 2N6051..

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6051 MOSPEC-2N6051 Datasheet
188Kb / 4P
POWER TRANSISTORS(12A,150W)
logo
Boca Semiconductor Corp...
2N6051 BOCA-2N6051 Datasheet
195Kb / 4P
DARLINGTON COMPLEMENTARY SILICON-POWER TRANSISTORS
logo
Micrel Semiconductor
2N6051 MICREL-2N6051 Datasheet
57Kb / 2P
PNP DARLINGTON POWER SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N6051 ETC-2N6051 Datasheet
347Kb / 8P
Power Transistors
logo
Microsemi Corporation
2N6051 MICROSEMI-2N6051 Datasheet
57Kb / 2P
PNP DARLINGTON POWER SILICON TRANSISTOR
More results


Similar Description - 2N6051..

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT6427LT1 MOTOROLA-MMBT6427LT1 Datasheet
249Kb / 8P
Darlington Transistor
logo
NEC
2SB963-Z NEC-2SB963-Z Datasheet
219Kb / 4P
PNP SILICON EPITAXIAL DARLINGTON TRANSISTOR MP-3?
logo
Fairchild Semiconductor
KSP25 FAIRCHILD-KSP25 Datasheet
32Kb / 4P
Darlington Transistor
KSP12 FAIRCHILD-KSP12 Datasheet
33Kb / 4P
Darlington Transistor
logo
Unisonic Technologies
MPSA14 UTC-MPSA14 Datasheet
52Kb / 2P
DARLINGTON TRANSISTOR
PZTA14 UTC-PZTA14 Datasheet
51Kb / 2P
DARLINGTON TRANSISTOR
MMBTA13 UTC-MMBTA13_11 Datasheet
77Kb / 2P
DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
KSP63TA FAIRCHILD-KSP63TA Datasheet
40Kb / 4P
Darlington Transistor
logo
Unisonic Technologies
PZTA14 UTC-PZTA14_15 Datasheet
102Kb / 2P
DARLINGTON TRANSISTOR
logo
ON Semiconductor
MMBT6427LT1G ONSEMI-MMBT6427LT1G Datasheet
192Kb / 6P
Darlington Transistor
October, 2016 ??Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com