Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6051.. Datasheet(PDF) 2 Page - Multicomp Pro

Part # 2N6051..
Description  Darlington Transistor TO-3
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N6051.. Datasheet(HTML) 2 Page - Multicomp Pro

  2N6051.. Datasheet HTML 1Page - Multicomp Pro 2N6051.. Datasheet HTML 2Page - Multicomp Pro 2N6051.. Datasheet HTML 3Page - Multicomp Pro 2N6051.. Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page <2>
V1.0
17/09/19
Darlington Transistor
TO-3
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Power Derating
TC, Temperature (°C)
Electrical Characteristics (TC = 25°C unless otherwise noted)
(1) Pulse Test : Pulse Width ≤300μs, Duty Cycle ≤2.0%.
(2) fT = | hfe | • ftest.
Characteristic
Symbol
Min.
Max.
Unit
Off Characteristics
Collector-Emitter Sustaining Voltage (1)
(lC = 100mA, lB = 0)
VCEO (sus)
80
-
V
Collector Cut off Current
(VCE = 40V, lB = 0)
ICEO
-
1
mA
Collector Cut off Current
(VCE = Rated VCEO, VBE (off) = 1.5V)
(VCE = Rated VCEO, VBE (off) = 1.5V, TC = 150°C)
ICEX
-
0.5
5
Emitter Cut off Current
(VEB = 5V, IC = 0 )
I
-
2
On Characteristics (1)
DC Current Gain
(IC = 6A, VCE = 3V) (IC = 12A, VCE = 3V)
hFE
750
100
18,000
-
Collector-Emitter Saturation Voltage
(IC = 6A, lB = 24mA) (IC = 12A, lB = 120mA)
VCE (sat)
-
2
3
V
Base-Emitter On Voltage
(IC = 6A, VCE = 3V)
V
-
2.8
Base-Emitter Saturation Voltage
(IC = 12A, IB = 120mA)
V
-
4
Dynamic Characteristics
Current-Gain-Bandwidth Product (2)
(IC = 500mA, VCE = 3V, f = 1MHz)
f
4
-
MHz
Small-Signal Current Gain
(IC = 5A, VCE = 3V, f = 1.0kHz)
h
300
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com