Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6051.. Datasheet(PDF) 3 Page - Multicomp Pro

Part # 2N6051..
Description  Darlington Transistor TO-3
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N6051.. Datasheet(HTML) 3 Page - Multicomp Pro

  2N6051.. Datasheet HTML 1Page - Multicomp Pro 2N6051.. Datasheet HTML 2Page - Multicomp Pro 2N6051.. Datasheet HTML 3Page - Multicomp Pro 2N6051.. Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page <3>
V1.0
17/09/19
Darlington Transistor
TO-3
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Switching Time
Capacitances
IC, Collector Current (Amperes)
VR, Reverse Voltage (Volts)
Active-Region Safe Operating Area (SOA)
VCE, Collector Emitter Voltage (Volts)
DC Current Gain
Collector Saturation Region
IC, Collector Current (Amperes)
IB, Base Current (mA)
There are two limitation on the power handling ability of
a transistor: average junction temperature and second
breakdown safe operating area curves indicate IC - VCE
limits of the transistor that must be observed for reliable
operation i.e., the transistor must not be subjected to
greater dissipation than curves indicate.
The data of SOA curve is base on TJ (PK) = 200°C; TC
is variable depending on conditions. Second breakdown
pulse limits are valid for duty cycles to 10% provided TJ
(PK) ≤200°C. At high case temperatures, thermal limita-
tion will reduce the power that can be handled to values
less than the limitations imposed by second breakdown.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com