Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6051.. Datasheet(PDF) 1 Page - Multicomp Pro

Part # 2N6051..
Description  Darlington Transistor TO-3
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N6051.. Datasheet(HTML) 1 Page - Multicomp Pro

  2N6051.. Datasheet HTML 1Page - Multicomp Pro 2N6051.. Datasheet HTML 2Page - Multicomp Pro 2N6051.. Datasheet HTML 3Page - Multicomp Pro 2N6051.. Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page <1>
V1.0
17/09/19
Darlington Transistor
TO-3
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description:
Designed for general-purpose power amplifier and low frequency switching applications
Features:
• Monolithic construction with bult-in base-emitter shunt resistors
• High DC current gain - hFE = 3,500 (typical) at IC = 5A
Characteristic
Symbol
2N6051
Unit
Collector-Emitter Voltage
VCEO
80
V
CoIIector-Base Voltage
VCBO
Emitter-Base Voltage
VEBO
5
Collector Current -Continuous
-Peak
IC
12
20
A
Base Current
IB
0.2
Total Power Dissipation at TC = 25°C Derate above 25°C
P
D
150
0.857
W
W/°C
Operating and Storage Junction Temperature Range
TJ, TSTG
-65 to +200
°C
Characteristic
Symbol
Max.
Unit
Thermal Resistance Junction to Case
Rθjc
1.17
°C/W
Maximum Ratings
Thermal Characteristics
PNP
2N6051
12A
Complementary Silicon
Power Transistors
60V - 100V
150W
TO-3


Similar Part No. - 2N6051..

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6051 MOSPEC-2N6051 Datasheet
188Kb / 4P
POWER TRANSISTORS(12A,150W)
logo
Boca Semiconductor Corp...
2N6051 BOCA-2N6051 Datasheet
195Kb / 4P
DARLINGTON COMPLEMENTARY SILICON-POWER TRANSISTORS
logo
Micrel Semiconductor
2N6051 MICREL-2N6051 Datasheet
57Kb / 2P
PNP DARLINGTON POWER SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N6051 ETC-2N6051 Datasheet
347Kb / 8P
Power Transistors
logo
Microsemi Corporation
2N6051 MICROSEMI-2N6051 Datasheet
57Kb / 2P
PNP DARLINGTON POWER SILICON TRANSISTOR
More results

Similar Description - 2N6051..

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT6427LT1 MOTOROLA-MMBT6427LT1 Datasheet
249Kb / 8P
Darlington Transistor
logo
NEC
2SB963-Z NEC-2SB963-Z Datasheet
219Kb / 4P
PNP SILICON EPITAXIAL DARLINGTON TRANSISTOR MP-3?
logo
Fairchild Semiconductor
KSP25 FAIRCHILD-KSP25 Datasheet
32Kb / 4P
Darlington Transistor
KSP12 FAIRCHILD-KSP12 Datasheet
33Kb / 4P
Darlington Transistor
logo
Unisonic Technologies
MPSA14 UTC-MPSA14 Datasheet
52Kb / 2P
DARLINGTON TRANSISTOR
PZTA14 UTC-PZTA14 Datasheet
51Kb / 2P
DARLINGTON TRANSISTOR
MMBTA13 UTC-MMBTA13_11 Datasheet
77Kb / 2P
DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
KSP63TA FAIRCHILD-KSP63TA Datasheet
40Kb / 4P
Darlington Transistor
logo
Unisonic Technologies
PZTA14 UTC-PZTA14_15 Datasheet
102Kb / 2P
DARLINGTON TRANSISTOR
logo
ON Semiconductor
MMBT6427LT1G ONSEMI-MMBT6427LT1G Datasheet
192Kb / 6P
Darlington Transistor
October, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com