Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300BS14-U Datasheet (PDF) - THAT Corporation All rights reserved.

300BS14-U Datasheet PDF - THAT Corporation All rights reserved.
Part # 300BS14-U
Download  300BS14-U Download
File Size   103.74 Kbytes
Page   8 Pages
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.
Description Low-Noise Matched Transistor Array ICs

300BS14-U Datasheet (PDF)

Go To PDF Page Download Datasheet
300BS14-U Datasheet PDF - THAT Corporation All rights reserved.

Part # 300BS14-U
Download  300BS14-U Click to download

File Size   103.74 Kbytes
Page   8 Pages
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.
Description Low-Noise Matched Transistor Array ICs

300BS14-U Datasheet (HTML) - THAT Corporation All rights reserved.


300BS14-U Product details

FEATURES
•4 Matched NPN Transistors
º 300 typical hfe of 100
º 300A minimum hfe of 150
º 300B minimum hfe of 300
•4 Matched PNP Transistors
º 320 typical hfe of 75
•2 Matched PNP and 2 Matched NPN
Transistors
º 340 PNP typical hfe of 75
º 340 NPN typical hfe of 100
•Low Voltage Noise
º 0.75 nV/ √Hz (PNP)
º 0.8 nV/ √Hz (NPN)
•High Speed
º fT = 350 MHz (NPN)
º fT = 325 MHz (PNP)
•500 μV matching between devices
•Dielectrically Isolated for low crosstalk
and high DC isolation
•36V VCEO
APPLICATIONS
•Low Noise Front Ends
•Microphone Preamplifiers
•Log/Antilog Amplifiers
•Current Sources
•Current Mirrors
•Multipliers
Description
The THAT 300, 320 and 340 are large
geometry, 4-transistor, monolithic NPN and/or PNP
arrays. They exhibit both high speed and low noise,
with excellent parameter matching between transistors
of the same gender. Typical base-spreading
resistance is 25 Ω for the PNP devices (30 Ω for the
low-gain NPNs), so their resulting voltage noise is
under 1 nV/√Hz. This makes the 300 series ideally
suited for low-noise amplifier input stages, log amplifiers,
and many other applications. The four-NPN
transistor array is available in versions selected for
hfe with minimums of 150 (300A) or 300 (300B).
Fabricated in a dielectrically isolated, complementary
bipolar process, each transistor is electrically
insulated from the others by a layer of
insulating oxide (not the reverse-biased PN junctions
used in conventional arrays). As a result, they exhibit
inter-device crosstalk and DC isolation similar to
that of discrete transistors. The resulting low
collector-to-substrate capacitance produces a typical
NPN fT of 350 MHz (325 MHz for the PNPs).
Substrate biasing is not required for normal operation,
though the substrate should be ac-grounded to
optimize speed and minimize crosstalk.
An eight-transistor bare-die array with similar
performance characteristics (the THAT 380G) is also
available from THAT Corporation. Please contact us
directly or through your local distributor for more
information. Military-grade temperature range
packages are available from TT Semiconductor (see
www.ttsemiconductor.com for more information).




Similar Part No. - 300BS14-U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
300BS14-U ETC2-300BS14-U Datasheet
99Kb / 5P
4 Matched NPN Transistors
300BS14-U ETC2-300BS14-U Datasheet
99Kb / 5P
4 Matched NPN Transistors
More results


Similar Description - 300BS14-U

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT02 AD-MAT02 Datasheet
264Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV.C
MAT03 AD-MAT03 Datasheet
254Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV.B
logo
List of Unclassifed Man...
THAT300 ETC1-THAT300 Datasheet
91Kb / 5P
Low-Noise Matched Transistor Array ICs
THAT120 ETC1-THAT120 Datasheet
43Kb / 2P
Quad Low-Noise PNP Transistor Array
THAT140 ETC-THAT140 Datasheet
49Kb / 4P
Quad Low-Noise NPN / PNP Transistor Array
logo
Analog Devices
MAT12 AD-MAT12 Datasheet
104Kb / 4P
Low Noise, Matched Dual Monolithic Transistor
Rev. PrA
MAT02 AD-MAT02_15 Datasheet
775Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV. E
MAT03 AD-MAT03_15 Datasheet
577Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV. C
MAT02 AD-MAT02_17 Datasheet
274Kb / 6P
Low-noise, matched dual monolithic transistor
29-Nov-2017
MAT03 AD-MAT03_17 Datasheet
565Kb / 5P
Low Noise, Matched Dual PNP Transistor
23-Feb-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com