Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet (PDF) - STMicroelectronics

ST20-GP1 Datasheet PDF - STMicroelectronics
Part # ST20-GP1
Download  ST20-GP1 Download
File Size   884.19 Kbytes
Page   116 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description GPS PROCESSOR

ST20-GP1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST20-GP1 Datasheet PDF - STMicroelectronics

Part # ST20-GP1
Download  ST20-GP1 Click to download

File Size   884.19 Kbytes
Page   116 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description GPS PROCESSOR

ST20-GP1 Datasheet (HTML) - STMicroelectronics


ST20-GP1 Product details

Introduction
The ST20-GP1 is an application-specific single chip micro using the ST20 CPU with microprocessor style peripherals added on-chip. It incorporates DSP hardware for processing the signals from GPS (Global Positioning System) satellites.

FEATURES
■ Application specific features
    • 12 channel GPS correlation DSP hardware and ST20 CPU (for control and position caluculations) on one chip
    • no TCXO required
    • RTCA-SC159 / WAAS / EGNOS supported
■ GPS performance
    • accuracy
        - stand alone with SA on <100m, SA off <30m
        - differential <1m
        - surveying <1cm
    • time to first fix
        - autonomous start 90s
        - cold start 45s
        - warm start 7s
        - obscuration 1s
■ 32-bit ST20 CPU
    • 16/33 MHz processor clock
    • 25 MIPS at 33 MHz
    • fast integer/bit operations
■ 4 Kbytes on-chip SRAM
    • 130 Mbytes/s maximum bandwidth
■ Programmable memory interface
    • 4 separately configurable regions
    • 8/16-bits wide
    • support for mixed memory
    • 2 cycle external access
■ Serial communications
    • Programmable UART (ASC)
    • OS-Link
■ Vectored interrupt subsystem
    • 2 dedicated interrupt pins
    • 5 levels of interrupt
■ Power management
    • low power operation
    • power down modes
■ Professional toolset support
    • ANSI C compiler and libraries
    • INQUEST advanced debugging tools
■ Technology
    • Static clocked 50 MHz design
    • 3.3 V, sub micron technology
■ 100 pin PQFP package

APPLICATIONS
■ Global Positioning System (GPS) receivers
■ Car navigation systems
■ Fleet management systems
■ Time reference for telecom systems




Similar Part No. - ST20-GP1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST20-GP6 STMICROELECTRONICS-ST20-GP6 Datasheet
1Mb / 123P
GPS PROCESSOR
Oct-2004
More results


Similar Description - ST20-GP1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
GP4020 ZARLINK-GP4020 Datasheet
207Kb / 17P
GPS Receiver Baseband Processor
logo
ATMEL Corporation
ATR0620 ATMEL-ATR0620 Datasheet
365Kb / 15P
GPS BASEBAND PROCESSOR
ATR0621 ATMEL-ATR0621 Datasheet
396Kb / 20P
GPS Baseband Processor
logo
STMicroelectronics
ST20-GP6 STMICROELECTRONICS-ST20-GP6 Datasheet
1Mb / 123P
GPS PROCESSOR
Oct-2004
logo
ATMEL Corporation
ATR0625 ATMEL-ATR0625 Datasheet
335Kb / 26P
GPS Baseband Processor SuperSense
ATR0622 ATMEL-ATR0622 Datasheet
410Kb / 26P
GPS Baseband Processor
ATR0622P1 ATMEL-ATR0622P1 Datasheet
266Kb / 11P
GPS Baseband Processor
ATR0621P1 ATMEL-ATR0621P1 Datasheet
346Kb / 14P
GPS Baseband Processor
ATR0625P1 ATMEL-ATR0625P1 Datasheet
262Kb / 12P
GPS Baseband Processor SuperSense
ATR0622P ATMEL-ATR0622P_08 Datasheet
504Kb / 27P
GPS Baseband Processor
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com