Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 2Page - STMicroelectronics ST20-GP1 Datasheet HTML 3Page - STMicroelectronics ST20-GP1 Datasheet HTML 4Page - STMicroelectronics ST20-GP1 Datasheet HTML 5Page - STMicroelectronics ST20-GP1 Datasheet HTML 6Page - STMicroelectronics ST20-GP1 Datasheet HTML 7Page - STMicroelectronics ST20-GP1 Datasheet HTML 8Page - STMicroelectronics ST20-GP1 Datasheet HTML 9Page - STMicroelectronics ST20-GP1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 116 page
background image
ST20-GP1
6/116
®
CPU supports the sharing of CPU time between applications without an operating system or
executive overhead.
The architecture is based on the ST20 CPU core and supporting macrocells developed by SGS-
THOMSON Microelectronics. The ST20 micro-core family provides the tools and building blocks to
enable the development of highly integrated application specific 32-bit devices at the lowest cost
and fastest time to market. The ST20 macrocell library includes the ST20Cx family of 32-bit VL-
RISC (variable length reduced instruction set computer) micro-cores, embedded memories,
standard peripherals, I/O, controllers and ASICs.
The ST20-GP1 uses the ST20 macrocell library to provide the hardware modules required in a
GPS system. These include:
DSP hardware
Dual channel UART for serial communications
6 bits of parallel I/O
Interrupt controller
Real time clock/calendar
Watchdog timer
The ST20-GP1 is supported by a range of software and hardware development tools for PC and
UNIX hosts including an ANSI-C ST20 software toolset and the ST20 INQUEST window based
debugging toolkit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com