Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 12Page - STMicroelectronics ST20-GP1 Datasheet HTML 13Page - STMicroelectronics ST20-GP1 Datasheet HTML 14Page - STMicroelectronics ST20-GP1 Datasheet HTML 15Page - STMicroelectronics ST20-GP1 Datasheet HTML 16Page - STMicroelectronics ST20-GP1 Datasheet HTML 17Page - STMicroelectronics ST20-GP1 Datasheet HTML 18Page - STMicroelectronics ST20-GP1 Datasheet HTML 19Page - STMicroelectronics ST20-GP1 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 116 page
background image
ST20-GP1
16/116
®
The 19-bit value comprises three fields. The 3 least significant bits represent the fractional-delay in
eighths of a code-chip. The middle 10 bits represent the integer delay in code-chips, 0-1022, with
the value 1023 illegal. The upper 6 most significant bits represent the delay in integer milliseconds.
Note also that the eighth-chip resolution of the code generator is not sufficient for positioning. At
125 ns it represents approximately 40 m of range, over 100 m of position. The software must
maintain the range measurements around the 1 ns resolution level in a 32-bit field, and send an
appropriate 19-bit sub-field to the register. Note, care must be taken when calculating this field from
a computed delay, or vice versa, to allow for the missing value 1023. The overall register bit-field
cannot be used mathematically as a single binary number.
PRNphase0-11WrEn registers
The PRNphase0-11WrEn flags are active low flags that record when the PRNphase0-11 register
can be updated. The PRNphaseWrEn flag for a channel is set high when the corresponding
PRNphase register is written. The flag is reset again when the value written is loaded into the PRN
generator. Note, the PRNphase0-11 register should only be updated when the PRNphase0-
11WrEn register has been cleared by the hardware.
NCOfrequency0-11 registers
The NCOfrequency0-11 registers hold a signed 18-bit value that is added repetitively, ignoring
overflows, to the accumulated NCO phase from which the NCO sine and cosine waveforms are
generated. The addition is performed at a 264 KHz rate (16.368MHz/62). The accumulated NCO
phase is not accessible to the software, but can be cleared when initialising the channel if enabled
by the DSPControl register.
Each
unit
value
in
the
NCOfrequency0-11
register
represents
264KHz/(218),
i.e.
1.007080078125 Hz.
If the extreme values are written, #1FFFF and #20000, the sine wave generated will be at
approximately +132 KHz, and precisely -132 KHz respectively.
PRNphase0-11
DSP base address + #40 to #6C
Write only
Bit
Bit field
Function
2:0
FractionalDelay
Fractional delay in eighths of a code-chip.
12:3
IntegerDelay
Integer delay in code-chips. Value 0-1022. Note, the value 1023 is illegal.
18:13
Delay
Delay in integer milliseconds.
Table 3.4 PRNphase0-11 register format
PRNphase0-11WrEn
DSP base address + #40 to #6C
Read only
Bit
Bit field
Function
0
PRNphaseWrEn
Set when the corresponding PRNphase0-11 register is set.
Table 3.5 PRNphase0-11WrEn register format
NCOfrequency0-11
DSP base address + #80 to #AC
Write only
Bit
Bit field
Function
17:0
NCOfrequency
NCO frequency as a signed 18-bit value.
Table 3.6 NCOfrequency0-11 register format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com