Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 67Page - STMicroelectronics ST20-GP1 Datasheet HTML 68Page - STMicroelectronics ST20-GP1 Datasheet HTML 69Page - STMicroelectronics ST20-GP1 Datasheet HTML 70Page - STMicroelectronics ST20-GP1 Datasheet HTML 71Page - STMicroelectronics ST20-GP1 Datasheet HTML 72Page - STMicroelectronics ST20-GP1 Datasheet HTML 73Page - STMicroelectronics ST20-GP1 Datasheet HTML 74Page - STMicroelectronics ST20-GP1 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 116 page
background image
ST20-GP1
71/116
®
12.3 OS-Link connections
Links are TTL compatible and intended to be used in electrically quiet environments, between
devices on a single printed circuit board or between two boards via a backplane. Direct connection
may be made between devices separated by a distance of less than 300 mm. For longer distances
a matched 100 ohm transmission line should be used with series matching resistors (RM), see
Figure 12.3. When this is done the line delay should be less than 0.4 bit time to ensure that the
reflection returns before the next data bit is sent. Buffers may be used for very long transmissions,
see Figure 12.4. If so, their overall propagation delay should be stable within the skew tolerance of
the link, although the absolute value of the delay is immaterial.
Figure 12.2 OS-Links directly connected
Figure 12.3 OS-Links connected by transmission line
Figure 12.4 OS-Links connected by buffers
OSLinkOut
OSLinkIn
OSLinkIn
OSLinkOut
OSLinkOut
OSLinkIn
OSLinkIn
OSLinkOut
RM
RM
Zo=100 ohms
Zo=100 ohms
OSLinkOut
OSLinkIn
OSLinkIn
OSLinkOut
buffers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com