Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 80 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 76Page - STMicroelectronics ST20-GP1 Datasheet HTML 77Page - STMicroelectronics ST20-GP1 Datasheet HTML 78Page - STMicroelectronics ST20-GP1 Datasheet HTML 79Page - STMicroelectronics ST20-GP1 Datasheet HTML 80Page - STMicroelectronics ST20-GP1 Datasheet HTML 81Page - STMicroelectronics ST20-GP1 Datasheet HTML 82Page - STMicroelectronics ST20-GP1 Datasheet HTML 83Page - STMicroelectronics ST20-GP1 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 116 page
background image
ST20-GP1
80/116
®
ASCTxBuffer register
Writing to the transmit buffer register starts data transmission.
ASCRxBuffer register
The received data and, if provided by the selected operating mode, the received parity bit can be
read from the receive buffer register.
ASCBaudRate
ASC base address + #00
Read/Write
Bit
Bit field
Write Function
Read Function
15:0
ReloadVal
16-bit reload value
16-bit count value
Table 13.2 ASCBaudRate register format
ASCTxBuffer
ASC base address + #04
Write only
Bit
Bit field
Function
0
TD0
Transmit buffer data D0
1
TD1
Transmit buffer data D1
2
TD2
Transmit buffer data D2
3
TD3
Transmit buffer data D3
4
TD4
Transmit buffer data D4
5
TD5
Transmit buffer data D5
6
TD6
Transmit buffer data D6
7
TD7/Parity
Transmit buffer data D7, or parity bit - dependent on the operating mode (the setting of the
Mode field in the ASCControl register).
8
TD8/Parity
/Wake/0
Transmit buffer data D8, or parity bit, or wake-up bit or undefined - dependent on the operating
mode (the setting of the Mode field in the ASCControl register).
Note: If the Mode field selects an 8-bit frame then this bit should be written as 0.
15:9
RESERVED. Write 0.
Table 13.3 ASCTxBuffer register format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com