Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 25Page - STMicroelectronics ST20-GP1 Datasheet HTML 26Page - STMicroelectronics ST20-GP1 Datasheet HTML 27Page - STMicroelectronics ST20-GP1 Datasheet HTML 28Page - STMicroelectronics ST20-GP1 Datasheet HTML 29Page - STMicroelectronics ST20-GP1 Datasheet HTML 30Page - STMicroelectronics ST20-GP1 Datasheet HTML 31Page - STMicroelectronics ST20-GP1 Datasheet HTML 32Page - STMicroelectronics ST20-GP1 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 116 page
background image
ST20-GP1
29/116
®
5.1
Interrupt vector table
The interrupt controller contains a table of pointers to interrupt handlers. Each interrupt handler is
represented by its workspace pointer (Wptr). The table contains a workspace pointer for each level
of interrupt.
The Wptr gives access to the code, data and interrupt save space of the interrupt handler. The
position of the Wptr in the interrupt table implies the priority of the interrupt.
Run-time library support is provided for setting and programming the vector table.
5.2
Interrupt handlers
At any interruptible point in its execution the CPU can receive an interrupt request from the
interrupt controller. The CPU immediately acknowledges the request.
In response to receiving an interrupt the CPU performs a procedure call to the process in the
vector table. The state of the interrupted process is stored in the workspace of the interrupt handler
as shown in Figure 5.2. Each interrupt level has its own workspace.
Figure 5.2 State of interrupted process
The interrupt routine is initialized with space below Wptr. The Iptr and Status word for the routine
are stored there permanently. This should be programmed before the Wptr is written into the vector
table. The behavior of the interrupt differs depending on the priority of the CPU when the interrupt
occurs.
When an interrupt occurs when the CPU was running at high priority, the CPU saves the current
process state (Areg, Breg, Creg, Wptr, Iptr and Status) into the workspace of the interrupt
handler. The value HandlerWptr, which is stored in the interrupt controller, points to the top of this
Handler Status
Before interrupt
Wptr
Handler Iptr
Areg
Breg
Creg
Interrupting high priority
Wptr
Wptr
Iptr
Status
Wptr
Null Status
process
Interrupting low priority
process or CPU idle
Handler Status
Handler Iptr
Handler Status
Handler Iptr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com