Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 88Page - STMicroelectronics ST20-GP1 Datasheet HTML 89Page - STMicroelectronics ST20-GP1 Datasheet HTML 90Page - STMicroelectronics ST20-GP1 Datasheet HTML 91Page - STMicroelectronics ST20-GP1 Datasheet HTML 92Page - STMicroelectronics ST20-GP1 Datasheet HTML 93Page - STMicroelectronics ST20-GP1 Datasheet HTML 94Page - STMicroelectronics ST20-GP1 Datasheet HTML 95Page - STMicroelectronics ST20-GP1 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 116 page
background image
ST20-GP1
92/116
®
15.4.3 Direct DMA protocol
In this mode the PLink becomes an unsynchronized (i.e. direct action) bus. The PlinknotAck
output still behaves as if it were acknowledging a real transfer. The PlinknotReq signal has no
effect in this mode of operation. In this mode PlinknotAck is active high. The initial (inactive) state
of the pin is low.
Direct mode output
To drive the output pins the PLink must be programmed to make a single byte DMA. If more than
one byte is output, the PLink will continue to drive the output pins as fast as the output DMA can
feed the data, i.e. once every 8 or more system clock cycles, until the correct number of bytes have
been output. The sequence of events for a single byte read is outlined below. When configured as
an output the drivers are always driven.
1
The PLink forces the PlinknotAck pin high. The output pins are then driven with the new
data and the PlinknotAck pin is forced low.
2
The output data remains static and driven to the pads until either a new value is written as
output or until the link direction is changed. If the PLink returns to direct output mode, the
old data is once again driven to the pads.
Note: At reset PlinknotAck is a logic one, appearing to the outside world as an ‘acknowledge’.
External logic will assume that the data has been read. Therefore after programming the PLink to
direct mode the PlinknotAck output falls.
Direct mode input
To read the input pins the PLink must be programmed to make a single byte DMA. The sequence
of events for a single byte read is outlined below.
1
The PLink forces the PlinknotAck pin high. The input pins are then read and the Plinkno-
tAck pin is forced low.
Figure 15.3 Direct DMA protocol
ST20 Output
PlinknotAck
PlinkData0-7
ST20 Input
PlinknotAck
PlinkData0-7
valid data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com