Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 27Page - STMicroelectronics ST20-GP1 Datasheet HTML 28Page - STMicroelectronics ST20-GP1 Datasheet HTML 29Page - STMicroelectronics ST20-GP1 Datasheet HTML 30Page - STMicroelectronics ST20-GP1 Datasheet HTML 31Page - STMicroelectronics ST20-GP1 Datasheet HTML 32Page - STMicroelectronics ST20-GP1 Datasheet HTML 33Page - STMicroelectronics ST20-GP1 Datasheet HTML 34Page - STMicroelectronics ST20-GP1 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 116 page
background image
ST20-GP1
31/116
®
5.6
Interrupt configuration registers
The interrupt controller is allocated a 4k block of memory in the internal peripheral address space.
Information on interrupts is stored in registers as detailed in the following section. The registers can
be examined and set by the
devlw (device load word) and devsw (device store word) instructions.
Note, they can not be accessed using memory instructions.
HandlerWptr register
The HandlerWptr registers (1 per interrupt) contain a pointer to the workspace of the interrupt
handler.
Note, before the interrupt is enabled, by writing a 1 in the Mask register, the user (or toolset) must
ensure that there is a valid Wptr in the register.
TriggerMode register
Each interrupt channel can be programmed to trigger on rising/falling edges or high/low levels on
the external Interrupt.
Note, level triggering is different to edge triggering in that if the input is held at the triggering level, a
continuous stream of interrupts is generated.
Mask register
An interrupt mask register is provided in the interrupt controller to selectively enable or disable
external interrupts. This mask register also includes a global interrupt disable bit to disable all
external interrupts whatever the state of the individual interrupt mask bits.
To complement this the interrupt controller also includes an interrupt pending register which
contains a pending flag for each interrupt channel. The Mask register performs a masking function
on the Pending register to give control over what is allowed to interrupt the CPU while retaining the
ability to continually monitor external interrupts.
HandlerWptr0-4
Interrupt controller base address + #00 to #10
Read/Write
Bit
Bit field
Function
31:2
HandlerWptr
Pointer to the workspace of the interrupt handler.
1:0
RESERVED. Write 0.
Table 5.1 HandlerWptr register format — one register per interrupt
TriggerMode0-4
Interrupt controller base address + #40 to #50
Read/Write
Bit
Bit field
Function
2:0
Trigger
Control the triggering condition of the Interrupt, as follows:
Trigger2:0
Interrupt triggers on
000
No trigger mode
001
High level - triggered while input high
010
Low level - triggered while input low
011
Rising edge - low to high transition
100
Falling edge - high to low transition
101
Any edge - triggered on rising and falling edges
110
No trigger mode
111
No trigger mode
Table 5.2 TriggerMode register format — one register per interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com