Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 5Page - STMicroelectronics ST20-GP1 Datasheet HTML 6Page - STMicroelectronics ST20-GP1 Datasheet HTML 7Page - STMicroelectronics ST20-GP1 Datasheet HTML 8Page - STMicroelectronics ST20-GP1 Datasheet HTML 9Page - STMicroelectronics ST20-GP1 Datasheet HTML 10Page - STMicroelectronics ST20-GP1 Datasheet HTML 11Page - STMicroelectronics ST20-GP1 Datasheet HTML 12Page - STMicroelectronics ST20-GP1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 116 page
background image
ST20-GP1
9/116
®
Memory subsystem
The ST20-GP1 on-chip memory system provides 130 Mbytes/s internal data bandwidth,
supporting pipelined 2-cycle internal memory access at 30 ns cycle times. The ST20-GP1 memory
system consists of SRAM and a programmable memory interface. The programmable memory
interface is also referred to as an external memory interface (EMI).
The ST20-GP1 uses 8 or 16-bit external RAM, 8 or 16-bit ROM, and supports an address width of
20 bits.
The ST20-GP1 product has 4 Kbytes of on-chip SRAM. The advantage of this is the ability to store
time critical code on chip, for instance interrupt routines, software kernels or device drivers, and
even frequently used data.
The ST20-GP1 memory interface controls the movement of data between the ST20-GP1 and off-
chip memory. It is designed to support memory subsystems without any external support logic and
is programmable to support a wide range of memory types. Memory is divided into 4 banks which
can each have different memory characteristics and each bank can access up to 1 Mbyte of
external memory.
The normal memory provision in a simple GPS receiver is a single 128K x 8-bit SRAM (55 or 70 ns
access time), and a single 64K x 16-bit ROM or Flash ROM (70, 90 or 100 ns access time). The
ST20-GP1 can support up to 1 Mbyte of SRAM plus 1 Mbyte of ROM, enabling additional
applications to be loaded if required.
Low power controller, real time clock and watchdog timer
The ST20-GP1 has power-down capabilities configurable in software. When powered down, a
timer can be used as an alarm, re-activating the CPU after a programmed delay. This is suitable for
ultra low power or solar powered applications such as container tracking, railway truck tracking, or
marine navigation buoys that must check they are on station at intervals. The timer can also be
used to provide a watchdog function, resetting the system if it times out.
The real time clock/calendar function is provided by a 64-bit binary counter running continuously
from the low-power clock (nominally 32768 Hz).
The ST20-GP1 is designed for 0.5 micron, 3.3 V CMOS technology and runs at speeds of up to
33 MHz. 3.3 V operation provides reduced power consumption internally and allows the use of low
power peripherals. In addition, a power-down mode is available on the ST20-GP1.
The different power levels of the ST20-GP1 are listed below.
•
Operating power — power consumed during functional operation.
•
Stand-by power — power consumed during little or no activity. The CPU is idle but ready to
immediately respond to an interrupt/reschedule.
•
Power-down — clocks are stopped and power consumption is significantly reduced. Func-
tional operation is stalled. Normal functional operation can be resumed from previous state
as soon as the clocks are stable. No information is lost during power down as all internal
logic is static.
•
Power to most of the chip removed — only the real time clock supply (RTCVDD) power on.
In power-down mode the processor and all peripherals are stopped, including the external memory
controller and optionally the PLL. Effectively the internal clock is stopped and functional operation
is stalled. On restart the clock is restarted and the chip resumes normal functional operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com