Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 96Page - STMicroelectronics ST20-GP1 Datasheet HTML 97Page - STMicroelectronics ST20-GP1 Datasheet HTML 98Page - STMicroelectronics ST20-GP1 Datasheet HTML 99Page - STMicroelectronics ST20-GP1 Datasheet HTML 100Page - STMicroelectronics ST20-GP1 Datasheet HTML 101Page - STMicroelectronics ST20-GP1 Datasheet HTML 102Page - STMicroelectronics ST20-GP1 Datasheet HTML 103Page - STMicroelectronics ST20-GP1 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 116 page
background image
ST20-GP1
100/116
®
18 GPS Performance
This chapter details the performance of a ST20-GP1 based GPS receiver.
Note that the performance is dependent on the quality of the user radio, antenna and software
used to track the signal and to calculate the resultant position.
18.1 Accuracy
18.1.1 Benign site
The accuracy performance of a GPS receiver is dependent on external factors, in particular the
deliberate degradation of the signal by the US DoD, known as Selective Availability (SA). This
results in an error specification of 100m.
If signal errors are corrected by differential GPS, the ST20-GP1 can achieve better than 1m
accuracy with 1-second rate corrections. Note that the ST20-GP1 supports the RTCA-SC159
provided corrections with no additional hardware.
For surveying use, the resolution of the counters used in the phase/frequency tracking allows
resolution down to 1mm.
18.1.2 Under harsh conditions
Under harsh conditions, accuracy degrades due to:
•
noise on the weakened signal
•
reflected signals from buildings and cliffs
•
obstruction of satellites
The ST20-GP1 pays a 2 dB signal/noise ratio penalty by using 1-bit signal coding, there are then
no further losses in the signal processing hardware. The fast sampling rate, with both in-phase and
quadrature channels, results in the subsequent processing being 11 dB better, on a signal to noise
ratio, than earlier systems that sample at 2 MHz. Thus there is a 9 dB overall improvement.
Accuracy
Stand alone
with Selective Availability
without Selective Availability
< 100m
< 30m
Differential
< 1m
Surveying
< 1cm
Table 18.1 Accuracy performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com