Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 97Page - STMicroelectronics ST20-GP1 Datasheet HTML 98Page - STMicroelectronics ST20-GP1 Datasheet HTML 99Page - STMicroelectronics ST20-GP1 Datasheet HTML 100Page - STMicroelectronics ST20-GP1 Datasheet HTML 101Page - STMicroelectronics ST20-GP1 Datasheet HTML 102Page - STMicroelectronics ST20-GP1 Datasheet HTML 103Page - STMicroelectronics ST20-GP1 Datasheet HTML 104Page - STMicroelectronics ST20-GP1 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 116 page
background image
ST20-GP1
101/116
®
18.2 Time to first fix
Condition
Receiver situation
Time to
first fix
autonomous
start
the receiver has no estimate of time/date/position and no recent almanac
90s
cold start
the receiver has estimated time/date/position and almanac
45s
warm start
the receiver has estimated time/date/position and almanac and still valid ephemeris data 7s
obscuration
the receiver has precise time (to
µs level) as its calibrated clock is not stopped
1s
Table 18.2 Time to first fix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com