Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 28Page - STMicroelectronics ST20-GP1 Datasheet HTML 29Page - STMicroelectronics ST20-GP1 Datasheet HTML 30Page - STMicroelectronics ST20-GP1 Datasheet HTML 31Page - STMicroelectronics ST20-GP1 Datasheet HTML 32Page - STMicroelectronics ST20-GP1 Datasheet HTML 33Page - STMicroelectronics ST20-GP1 Datasheet HTML 34Page - STMicroelectronics ST20-GP1 Datasheet HTML 35Page - STMicroelectronics ST20-GP1 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 116 page
background image
ST20-GP1
32/116
®
On start-up, the Mask register is initialized to zero’s, thus all interrupts are disabled, both globally
and individually. When a 1 is written to the GlobalEnable bit, the individual interrupt bits are still
disabled and must also have a 1 individually written to the InterruptEnable bit to enable the
respective interrupt.
The Mask register is mapped onto two additional addresses so that bits can be set or cleared
individually.
Set_Mask (address ‘interrupt base address + #C4’) allows bits to be set individually. Writing a ‘1’ in
this register sets the corresponding bit in the Mask register, a ‘0’ leaves the bit unchanged.
Clear_Mask (address ‘interrupt base address + #C8’) allows bits to be cleared individually. Writing
a ‘1’ in this register resets the corresponding bit in the Mask register, a ‘0’ leaves the bit
unchanged.
Pending register
The Pending register contains a bit per interrupt with each bit controlled by the corresponding
interrupt. A read can be used to examine the state of the interrupt controller while a write can be
used to explicitly trigger an interrupt.
A bit is set when the triggering condition for an interrupt is met. All bits are independent so that
several bits can be set in the same cycle. Once a bit is set, a further triggering condition will have
no effect. The triggering condition is independent of the Mask register.
The highest priority interrupt bit is reset once the interrupt controller has made an interrupt request
to the CPU.
Mask
Interrupt controller base address + #C0
Read/Write
Bit
Bit field
Function
0
Interrupt0Enable
When set to 1, interrupt 0 is enabled. When 0, interrupt 0 is disabled.
1
Interrupt1Enable
When set to 1, interrupt 1 is enabled. When 0, interrupt 1 is disabled.
2
Interrupt2Enable
When set to 1, interrupt 2 is enabled. When 0, interrupt 2 is disabled.
3
Interrupt3Enable
When set to 1, interrupt 3 is enabled. When 0, interrupt 3 is disabled.
4
Interrupt4Enable
When set to 1, interrupt 4 is enabled. When 0, interrupt 4 is disabled.
16
GlobalEnable
When set to 1, the setting of the interrupt is determined by the specific InterruptEn-
able bit. When 0, all interrupts are disabled.
15:5
RESERVED. Write 0.
Table 5.3 Mask register format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com