Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 18Page - STMicroelectronics ST20-GP1 Datasheet HTML 19Page - STMicroelectronics ST20-GP1 Datasheet HTML 20Page - STMicroelectronics ST20-GP1 Datasheet HTML 21Page - STMicroelectronics ST20-GP1 Datasheet HTML 22Page - STMicroelectronics ST20-GP1 Datasheet HTML 23Page - STMicroelectronics ST20-GP1 Datasheet HTML 24Page - STMicroelectronics ST20-GP1 Datasheet HTML 25Page - STMicroelectronics ST20-GP1 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 116 page
background image
ST20-GP1
22/116
®
to-point links. The processor provides a number of operations to support message passing, the
most important being
in (input message) and out (output message).
The
in and out instructions use the address of the channel to determine whether the channel is
internal or external. This means that the same instruction sequence can be used for both hard and
soft channels, allowing a process to be written and compiled without knowledge of where its
channels are implemented.
Communication takes place when both the inputting and outputting processes are ready.
Consequently, the process which first becomes ready must wait until the second one is also ready.
The inputting and outputting processes only become active when the communication has
completed.
A process performs an input or output by loading the evaluation stack with, a pointer to a message,
the address of a channel, and a count of the number of bytes to be transferred, and then executing
an
in or out instruction.
4.5
Timers
There are two 32-bit hardware timer clocks which ‘tick’ periodically. These are independent of any
on-chip peripheral real time clock. The timers provide accurate process timing, allowing processes
to deschedule themselves until a specific time.
One timer is accessible only to high priority processes and is incremented every microsecond,
cycling completely in approximately 4295 seconds. The other is accessible only to low priority
processes and is incremented every 64 microseconds, giving 15625 ticks in one second. It has a
full period of approximately 76 hours. All times are approximate due to the clock rate.
The current value of the processor clock can be read by executing a
ldtimer (load timer) instruction.
A process can arrange to perform a
tin (timer input), in which case it will become ready to execute
after a specified time has been reached. The
tin instruction requires a time to be specified. If this
time is in the ‘past’ then the instruction has no effect. If the time is in the ‘future’ then the process is
descheduled. When the specified time is reached the process becomes active. In addition, the
ldclock (load clock), stclock (store clock) instructions allow total control over the clock value and the
clockenb (clock enable), clockdis (clock disable) instructions allow each clock to be individually
stopped and re-started.
Figure 4.3 shows two processes waiting on the timer queue, one waiting for time 21, the other for
time 31.
Note, these timers stop counting when power-down mode (see Section 10.2 on page 61) is
invoked.
Register
Function
ClockReg0
Current value of high priority (level 0) process clock
ClockReg1
Current value of low priority (level 1) process clock
TnextReg0
Indicates time of earliest event on high priority (level 0) timer queue
TnextReg1
Indicates time of earliest event on low priority (level 1) timer queue
TptrReg0
High priority timer queue
TptrReg1
Low priority timer queue
Table 4.2 Timer registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com